전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5TH 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 SM5TH
상세설명  Wideband Load Insensitive Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SM5TH 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SM5TH Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SM5TH Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wideband Load Insensitive Mixer
Rev. V3
SM5TH
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Features
• LO 50 to 5000 MHz
• RF 50 to 5000 MHz
• IF 50 to 3000 MHz
• LO Drive +23 dBm (nominal)
• Insensitive to System Mismatch
• High Intercept +29 dBm (typ)
Description
The SM5TH is a termination insensitive mixer, designed for use in
military, commercial and test equipment applications. The design
utilizes Schottky bridge quad diodes, broadband ferrite baluns and
internal loads to provide excellent performance without degrada-
tion due to external VSWR mismatches. The use of high tem-
perature solder and welded assembly processes used internally
makes it ideal for use in semi-automated and automated assem-
bly.
Environmental screening available to MIL-STD-883, MIL-
STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
SM5TH
Surface Mount
Electrical Specifications: Z0 = 50Ω Lo = +23
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion Loss
(max)
fR = 0.05 to 1.5 GHz, fL = 0.05 to 1.5 GHz, fI = 0.05 to 1.5 GHz
fR = 1.5 to 3.0 GHz, fL = 1.5 to 3.0 GHz, fI = 0.05 to 3.0 GHz
fR = 3.0 to 5.0 GHz, fL = 3.0 to 5.0 GHz, fI = 0.05 to 3.0 GHz
dB
7.0
7.5
8.5
8.3
9.0
10.5
9.0
9.7
11.2
SSB Noise Figure (max)
Within 1 dB of conversion loss
dB
____
____
____
Isolation, L to R (min)
fL = 0.05 to 1.0 GHz
fL = 1.0 to 5.0 GHz
dB
35
33
25
23
23
21
Isolation, L to I (min)
fL = 0.05 to 1.0 GHz
fL = 1.0 to 5.0 GHz
dB
40
35
32
25
30
23
Isolation, R to I (min)
fR = 0.05 to 5.0 GHz
dB
32
1 dB Conversion Comp.
fL = +23 dBm
dBm
+17
Input IP3
fL1 = 0.05 to 5.0 GHz, fR = 0.05 to 5.0 GHz, fI = 0.05
to 3.0 GHz
dBm
+29
VSWR
R-Port fR = 0.05 to 5.0 GHz,
L-Port fL = 0.05 to 5.0 GHz,
I-Port fI =0.05 to 3.0 GHz
1.6:1
1.5:1
1.4:1
Product Image
MAMX-010498-SM5TD2
Surface Mount Screened


유사한 부품 번호 - SM5TH

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
SM5TH MACOM-SM5TH Datasheet
194Kb / 2P
   Wideband Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM5TH MA-COM-SM5TH Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
SM5TH MA-COM-SM5TH Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
SM5TH_V3 MA-COM-SM5TH_V3 Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
More results

유사한 설명 - SM5TH

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
SM5TH MA-COM-SM5TH Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
logo
Tyco Electronics
SM5TH MACOM-SM5TH Datasheet
194Kb / 2P
   Wideband Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM5T MA-COM-SM5T Datasheet
88Kb / 2P
   Wideband Load Insensitive Mixer
M5T MA-COM-M5T Datasheet
508Kb / 2P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
SM5TH_V3 MA-COM-SM5TH_V3 Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
SM5T MA-COM-SM5T_15 Datasheet
494Kb / 3P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17_15 Datasheet
477Kb / 3P
   Wideband Load Insensitive Mixer
logo
Tyco Electronics
SM5T17 MACOM-SM5T17 Datasheet
195Kb / 2P
   Wideband Load Insensitive Mixer
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com