전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA1140 데이터시트(PDF) 6 Page - Silan Microelectronics Joint-stock

부품명 SA1140
상세설명  FM RADIO IC FOR DIGITAL TUNING SYSTEM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILAN [Silan Microelectronics Joint-stock]
홈페이지  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1140 데이터시트(HTML) 6 Page - Silan Microelectronics Joint-stock

  SA1140 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1140 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1140 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1140 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1140 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1140 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SA1140
PACKAGE OUTLINE
ZIP-16
UNIT: mm
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.10.27
Http: www.silan.com.cn
Page 6 of 6


유사한 부품 번호 - SA1140

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA11 PANJIT-SA11 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Electronics ...
SA11 CHENDA-SA11 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA11 FCI-SA11 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA11 TSC-SA11 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA11 WTE-SA11 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SA1140

제조업체부품명데이터시트상세설명
logo
Silan Microelectronics ...
SA1135 SILAN-SA1135 Datasheet
236Kb / 7P
   AM RADIO IC FOR DIGITAL TUNING SYSTEM
logo
Toshiba Semiconductor
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
Toshiba Semiconductor
TA8176SN TOSHIBA-TA8176SN Datasheet
409Kb / 12P
   FM FRONT END (FOR DIGITAL TUNING SYSTEM
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008AN TOSHIBA-TA2008AN_02 Datasheet
741Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TC9309F-107 TOSHIBA-TC9309F-107 Datasheet
159Kb / 4P
   SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO SYSTEM
TA2057N TOSHIBA-TA2057N Datasheet
602Kb / 18P
   AM/FM IFFM ST DET (FOR DIGITAL TUNING SYSTEM)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com