전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MA4E1338A-1146T 데이터시트(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

부품명 MA4E1338A-1146T
상세설명  Silicon Medium Barrier Schottky Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4E1338A-1146T 데이터시트(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4E1338A-1146T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4E1338A-1146T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4E1338A-1146T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4E1338A-1146T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4E1338A-1146T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4E1338A-1146T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4E1338A-1146T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Silicon Medium Barrier Schottky Diodes
M/A-COM Products
Rev. V6
MA4E1338 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Case Styles
SOT-23
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.048
1.22
B
0.008
0.20
C
0.040
1.00
D
0.013
0.020
0.35
0.50
E
0.003
0.006
0.08
0.15
F
0.110
0.119
2.80
3.00
G
0.047
0.056
1.20
1.40
H
0.037 typical
0.95 typical
J
0.075 typical
1.90 typical
K
0.103
2.60
L
0.024
0.60
DIM.
GRADIENT
M
10
° max.3
N
2
° . . .30°
SOT-143
SOT-143 (Case Style 1068)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
-
0.044
-
1.10
B
-
0.044
-
1.10
C
-
0.040
-
1.00
D
0.030
0.035
0.75
0.90
E
0.013
0.020
0.35
0.50
F
0.003
0.006
0.08
0.15
G
0.110
0.119
2.80
3.00
H
0.047
0.056
1.20
1.40
J
0.075 typical
1.90 typical
K
0.075 typical
1.90 typical
L
-
0.103
-
2.6
M
-
0.024
-
0.6
DIM.
GRADIENT
N
10
° max. 4
P
2
° . . . 30°
3. Applicable on all sides
4. Applicable on all sides
F
D
H
J
A
G
L
C
E
B
K
N
M
G
J
E
K
A
H
M
C
F
B
L
P
N
D
SOT-23 (Case Style 287)


유사한 부품 번호 - MA4E1338A-1146T

제조업체부품명데이터시트상세설명
Tyco Electronics
Tyco Electronics
MA4E1338A-1146T MACOM-MA4E1338A-1146T Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results

유사한 설명 - MA4E1338A-1146T

제조업체부품명데이터시트상세설명
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1339 MACOM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1339_V9 MA-COM-MA4E1339_V9 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340 Datasheet
145Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1339 MA-COM-MA4E1339_16 Datasheet
656Kb / 6P
   Silicon Medium Barrier Schottky Diodes
Tyco Electronics
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
MA4E1338_V7 MA-COM-MA4E1338_V7 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1  2  3  4  5  6  7 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com