전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6210MY 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN6210MY
상세설명  Primary-Side Synchronous Rectifier (SR) Trigger Controller for Dual Forward Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6210MY 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN6210MY Datasheet HTML 1Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 2Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 3Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 4Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6210 Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
30
V
VSIN
Logic Input Voltage
30
V
VSOUT
Low Side Output Voltage
18
V
VH
XP, XN
30
V
VL
DET, RDLY
7
V
PD
Power Dissipation TA < 50°C
400
mW
θJA
Thermal Dissipation (Junction to Air)
150
°C/W
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Soldering) 10 seconds
260
°C
Human Body Model, JEDEC:JESD22-A114
4.0
KV
ESD
Charged Device Model, JEDEC:JESD22-C101
1.5
KV
Notes:
1.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
2.
All voltage values, except differential voltages, are given with respect to GND pin.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


유사한 부품 번호 - FAN6210MY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6210MY FAIRCHILD-FAN6210MY Datasheet
494Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller
More results

유사한 설명 - FAN6210MY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
AN-6206 FAIRCHILD-AN-6206 Datasheet
553Kb / 9P
   Primary-Side Synchronous Rectifier (SR) Trigger Solution for Dual-Forward Converter
FAN6210 FAIRCHILD-FAN6210_10 Datasheet
494Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller
AN-6208 FAIRCHILD-AN-6208 Datasheet
478Kb / 10P
   Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
logo
Texas Instruments
UCC24636 TI1-UCC24636 Datasheet
2Mb / 35P
[Old version datasheet]   Synchronous Rectifier (SR) Controller
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681 Datasheet
308Kb / 20P
   Dual Transistor Synchronous Forward Controller
logo
Fairchild Semiconductor
SG6203 FAIRCHILD-SG6203 Datasheet
460Kb / 13P
   Synchronous Rectifier Controller for Flyback Converter
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
   High Efficiency, Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com