전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD6778A 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDD6778A
상세설명  N-Channel PowerTrench짰 MOSFET 25 V, 14.0 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6778A 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDD6778A Datasheet HTML 1Page - Fairchild Semiconductor FDD6778A Datasheet HTML 2Page - Fairchild Semiconductor FDD6778A Datasheet HTML 3Page - Fairchild Semiconductor FDD6778A Datasheet HTML 4Page - Fairchild Semiconductor FDD6778A Datasheet HTML 5Page - Fairchild Semiconductor FDD6778A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2009 Fairchild Semiconductor Corporation
FDD6778A Rev.C
www.fairchildsemi.com
1
January 2009
FDD6778A
N-Channel PowerTrench® MOSFET
25 V, 14.0 m
Features
Max rDS(on) = 14.0 mΩ at VGS = 10 V, ID = 10.0 A
Max rDS(on) = 30.0 mΩ at VGS = 4.5 V, ID = 9.7 A
100% UIL tested
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using either
synchronous or conventional switching PWM controllers. It has
been optimized for low gate charge, low rDS(on) and fast
switching speed.
Applications
Vcore DC-DC for Desktop Computers and Servers
VRM for Intermediate Bus Architecture
G
S
D
TO -252
D-PAK
(TO-252)
D
G
S
MOSFET Maximum Ratings T
C = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
25
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
10
A
-Continuous (Silicon limited)
TC = 25 °C
30
-Continuous
TA = 25 °C
(Note 1a)
12
-Pulsed
50
EAS
Single Pulse Avalanche Energy
(Note 3)
12
mJ
PD
Power Dissipation
TC = 25 °C
24
W
Power Dissipation
TA = 25 °C
(Note 1a)
3.7
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +175
°C
RθJC
Thermal Resistance, Junction to Case
6.2
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
40
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD6778A
FDD6778A
D-PAK (TO-252)
13 ’’
12 mm
2500 units


유사한 부품 번호 - FDD6778A

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FDD6778A ISC-FDD6778A Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD6778A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6780A FAIRCHILD-FDD6780A Datasheet
336Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 8.6 m廓
FDD6776A FAIRCHILD-FDD6776A Datasheet
337Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 7.5 m廓
FDD6796A FAIRCHILD-FDD6796A Datasheet
325Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 5.7 m廓
FDD6760A FAIRCHILD-FDD6760A Datasheet
329Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 3.2 m廓
FDD6770A FAIRCHILD-FDD6770A Datasheet
316Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 4.0 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS7670 FAIRCHILD-FDMS7670_12 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 3.8 m廓
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com