전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDG410NZ 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDG410NZ
상세설명  Single N-Channel PowerTrench짰 MOSFET 20 V, 2.2 A, 70 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG410NZ 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDG410NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 5Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 6Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
©2009 Fairchild Semiconductor Corporation
FDG410NZ Rev.B
Figure 7.
01
23
4
5
6
0
1
2
3
4
5
Qg, GATE CHARGE (nC)
ID = 2.2 A
VDD = 10 V
VDD = 5 V
VDD = 15 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
20
10
100
1000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure 9. Forward Bias Safe
Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
10 s
0.1 ms
10 ms
DC
1 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 333
oC/W
TA = 25
oC
Figure 10.
02
46
8
10
12
14
10
-5
10
-3
10
-1
10
1
10
3
10
5
VGS = 0 V
TJ = 25 oC
TJ = 125 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Gate Leakage Current vs Gate to Source
Voltage
Figure 11. Single Pulse Maximum Power Dissipation
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.1
1
10
100
V
GS = 4.5 V
t, PULSE WIDTH (sec)
SINGLE PULSE
RθJA = 333
oC/W
TA = 25
oC
Typical Characteristics T
J = 25 °C unless otherwise noted


유사한 부품 번호 - FDG410NZ

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
FDG VISHAY-FDG Datasheet
134Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors with CECC Approval
logo
Merrimac Industries, In...
FDG-4A-1600 MERRIMAC-FDG-4A-1600 Datasheet
135Kb / 1P
   FREQUENCY DOUBLER
logo
Fairchild Semiconductor
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
logo
VBsemi Electronics Co.,...
FDG1024NZ VBSEMI-FDG1024NZ Datasheet
932Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results

유사한 설명 - FDG410NZ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDMC7660 FAIRCHILD-FDMC7660_12 Datasheet
288Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDPF3860TYDTU FAIRCHILD-FDPF3860TYDTU Datasheet
589Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
FDMS8560S FAIRCHILD-FDMS8560S Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 70 A, 1.8 m廓
FDMA410NZ FAIRCHILD-FDMA410NZ Datasheet
315Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.5 A, 23 m廓
FDMA7628 FAIRCHILD-FDMA7628 Datasheet
248Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.4 A, 14.5 m廓
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com