전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST3407 데이터시트(PDF) 2 Page - Stanson Technology

부품명 ST3407
상세설명  P Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST3407 데이터시트(HTML) 2 Page - Stanson Technology

  ST3407 Datasheet HTML 1Page - Stanson Technology ST3407 Datasheet HTML 2Page - Stanson Technology ST3407 Datasheet HTML 3Page - Stanson Technology ST3407 Datasheet HTML 4Page - Stanson Technology ST3407 Datasheet HTML 5Page - Stanson Technology ST3407 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ST3407
ST3407
ST3407
ST3407
P Channel Enhancement Mode MOSFET
-3.6A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST3407 2006. V1
ABSOULTE
ABSOULTE
ABSOULTE
ABSOULTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Typical
Typical
Typical
Typical
Unit
Unit
Unit
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain CurrentTJ=150℃)
TA=25℃
TA=70℃
ID
-3.6
-3.0
A
Pulsed Drain Current
IDM
-15
A
Continuous Source Current (Diode Conduction)
IS
-1.0
A
Power Dissipation
TA=25℃
TA=70℃
PD
1.25
0.8
W
Operation Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
120
℃/W


유사한 부품 번호 - ST3407

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
ST3407 VBSEMI-ST3407 Datasheet
502Kb / 9P
   P-Channel 30 V (D-S) MOSFET
ST3407S23RG VBSEMI-ST3407S23RG Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
List of Unclassifed Man...
ST3407S23RG_V2 ETC2-ST3407S23RG_V2 Datasheet
154Kb / 6P
   P Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST3407SRG STANSON-ST3407SRG Datasheet
184Kb / 6P
   ST3407SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
VBsemi Electronics Co.,...
ST3407SRG VBSEMI-ST3407SRG Datasheet
490Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - ST3407

제조업체부품명데이터시트상세설명
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com