전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSL137H 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FSL137H
상세설명  Green Mode Fairchild Power Switch (FPS??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL137H 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FSL137H Datasheet HTML 5Page - Fairchild Semiconductor FSL137H Datasheet HTML 6Page - Fairchild Semiconductor FSL137H Datasheet HTML 7Page - Fairchild Semiconductor FSL137H Datasheet HTML 8Page - Fairchild Semiconductor FSL137H Datasheet HTML 9Page - Fairchild Semiconductor FSL137H Datasheet HTML 10Page - Fairchild Semiconductor FSL137H Datasheet HTML 11Page - Fairchild Semiconductor FSL137H Datasheet HTML 12Page - Fairchild Semiconductor FSL137H Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL137H Rev. 1.0.0
11
Constant Power Control
To limit the output power of the converter constantly,
high/low line compensation is included. Sensing the
converter input voltage through the VIN pin, the
high/low line compensation function generates a
relative peak-current-limit threshold voltage for constant
power control, as shown in Figure 27.
1.2
3.6
VIN
VLimit
0.80
0.65
0.5
4.0
Figure 27.Constant Power Control
Protections
The FSL137H provides full protection functions to
prevent the power supply and the load from being
damaged. The protection features include:
Latch/Auto Recovery Function
The FSL137H provides additional protections by the
VIN pin, such as pull-HIGH latch and pull-LOW auto
recovery that depend on the application. As shown in
Figure 28, when VIN is higher than 4.7V, FSL137H is
latched until the VDD is discharged. FSL137H is in auto
recovery when VIN is lower than 0.3V.
Figure 28.VIN Pin Function
Open-Loop / Overload Protection (OLP)
When the upper branch of the voltage divider for the
shunt regulator (KA431 shown) is broken, as shown in
Figure 29, or over current or output short occurs. There
is no current flowing through the opto-coupler transistor,
which pulls up the feedback voltage to 6V. When the
feedback voltage is above 4.6V for longer than 56ms,
OLP is triggered. This protection is also triggered when
the SMPS output drops below the nominal value longer
than 56ms due to the overload condition.
Figure 29.OLP Operation
VDD Over-Voltage Protection (OVP)
VDD over-voltage protection prevents IC damage caused
by over voltage on the VDD pin. The OVP is triggered
when VDD reaches 28V. It has a debounce time (typically
130µs) to prevent false trigger by switching noise.
Over-Temperature Protection (OTP)
The SenseFET and the control IC are integrated,
making it easier to detect the temperature of the
SenseFET.
When
the
temperature
exceeds
approximately 142°C, thermal shutdown is activated.


유사한 부품 번호 - FSL137H

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSL137H FAIRCHILD-FSL137H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSL137HNY FAIRCHILD-FSL137HNY Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results

유사한 설명 - FSL137H

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com