전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC2111 데이터시트(PDF) 2 Page - Transcom, Inc.

부품명 TC2111
상세설명  Plastic Packaged Low Noise PHEMT GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2111 데이터시트(HTML) 2 Page - Transcom, Inc.

  TC2111 Datasheet HTML 1Page - Transcom, Inc. TC2111 Datasheet HTML 2Page - Transcom, Inc. TC2111 Datasheet HTML 3Page - Transcom, Inc. TC2111 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC2111
REV4_20070504
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 4
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C)
VDS = 2 V, IDS = 10 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.8831
-60.46
3.8646
127.23
0.1138
50.45
0.6535
-38.12
3
0.7996
-85.63
3.4806
106.02
0.1497
36.28
0.5595
-53.71
4
0.7137
-108.57
3.1389
86.38
0.1742
24.29
0.4675
-67.28
5
0.6388
-130.49
2.8506
68.69
0.1898
13.51
0.3795
-79.69
6
0.5722
-151.76
2.6132
52.21
0.2003
4.16
0.2975
-91.49
7
0.5280
-173.62
2.4064
36.64
0.2054
-4.43
0.2159
-104.14
8
0.5085
162.27
2.2373
19.66
0.2092
-13.99
0.1376
-117.68
9
0.5167
139.70
2.0750
4.95
0.2082
-21.55
0.0554
-141.42
10
0.5395
118.98
1.9528
-8.82
0.2100
-27.76
0.0501
102.95
11
0.5796
100.67
1.8097
-22.46
0.2061
-34.71
0.1312
70.43
12
0.6165
85.53
1.6993
-35.53
0.2037
-40.38
0.2152
58.30
13
0.6627
71.98
1.5745
-48.63
0.1970
-46.78
0.3016
49.04
14
0.6985
57.54
1.4751
-63.05
0.1929
-53.79
0.3658
40.94
15
0.7331
45.81
1.3873
-73.74
0.1886
-57.56
0.4253
36.81
16
0.7528
35.70
1.3131
-84.88
0.1843
-62.47
0.4632
33.14
17
0.7809
26.29
1.3009
-94.66
0.1874
-66.39
0.4841
31.79
18
0.7904
15.74
1.3349
-104.52
0.1927
-71.48
0.4906
33.34
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
15
0
165
-180
-165
-1
50
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.25
0.0625
Per Div
S12
0
15
30
150
165
-180
-16
5
-1
50
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
4
1
Per Div
S21
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S22


유사한 부품 번호 - TC2111

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
TC2111D-290M PRODUCTWELL-TC2111D-290M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2111D-350M PRODUCTWELL-TC2111D-350M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2111D-471M PRODUCTWELL-TC2111D-471M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

유사한 설명 - TC2111

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com