전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC2384 데이터시트(PDF) 1 Page - Transcom, Inc.

부품명 TC2384
상세설명  Low Noise and Medium Power Packaged GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2384 데이터시트(HTML) 1 Page - Transcom, Inc.

  TC2384 Datasheet HTML 1Page - Transcom, Inc. TC2384 Datasheet HTML 2Page - Transcom, Inc. TC2384 Datasheet HTML 3Page - Transcom, Inc. TC2384 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC2384
REV4_20070507
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
1/4
Low Noise and Medium Power Packaged GaAs FETs
FEATURES
PHOTO ENLARGEMENT
! 0.9dB Typical Noise Figure at 12GHz
! High Associated Gain: Ga = 10dB Typical at 12GHz
! 23.5dBm Typical Power at 12GHz
! 11dB Typical Power Gain at 12GHz
! Breakdown Voltage : BV
DGO
≥ 9V
! Lg = 0.25
µm, Wg = 600 µm
! Tight Vp ranges control
! High RF input power handling capability
! 100 % DC Tested
! Micro-X Metal Ceramic Package
DESCRIPTION
The TC2384 is a high performance field effect transistor housed in a ceramic micro-x package with TC1304
PHEMT Chip. It has very low noise figure, high associated gain and high dynamic range that makes this device
be suitable for use in low noise amplifiers. All devices are 100 % DC tested to assure consistent quality.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
Conditions
MIN
TYP
MAX
UNIT
NF
Noise Figure at VDS = 4 V, IDS = 50 mA, f
= 12GHz
0.9
1.2
dB
Ga
Associated Gain at VDS = 4 V, IDS = 50 mA, f
= 12GHz
7.5
9
dB
P1dB
Output Power at 1dB Gain Compression Point, f
= 12GHz VDS = 6 V, IDS = 80 mA
23.5
24.5
dBm
GL
Linear Power Gain, f
= 12GHz VDS = 6 V, IDS = 80 mA
9
10
dB
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
180
mA
gm
Transconductance at VDS = 2 V, VGS = 0 V
200
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 1.2mA
-1.0*
Volts
BVDGO
Drain-Gate Breakdown Voltage at IDGO = 0.3mA
9
12
Volts
Rth
Thermal Resistance
75
°C/W
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
TYPICAL NOISE PARAMETERS (TA=25
°°°°C)
VDS = 4 V, IDS = 50 mA
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
7.0 V
VGS
Gate-Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGS
Gate Current
600
µA
Pin
RF Input Power, CW
24 dBm
PT
Continuous Dissipation
800 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
Γopt
Frequency
(GHz)
NFopt
(dB)
GA
(dB)
MAG
ANG
Rn/50
2
0.36
19.7
0.80
15
0.28
4
0.48
16.6
0.67
39
0.18
6
0.59
14.3
0.56
64
0.15
8
0.70
12.7
0.49
92
0.12
10
0.82
11.7
0.46
120
0.09
12
0.93
10.9
0.45
148
0.06
14
1.05
10.4
0.46
174
0.04
16
1.16
9.8
0.47
-162
0.04
18
1.27
9.0
0.48
-141
0.07
* For the tight control of the pinch-off voltage range, we divide TC2384 into 3 model numbers to fit customer design requirement
(1)TC2384P0710 : Vp = -0.7V to -1.0V (2)TC2384P0811 : Vp = -0.8V to -1.1V (3)TC2384P0912 : Vp = -0.9V to -1.2V
If required, customer can specify the requirement in purchasing document. For special Vp requirement, please contact factory for details.


유사한 부품 번호 - TC2384

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC2381 TRANSCOM-TC2381 Datasheet
279Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results

유사한 설명 - TC2384

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC2381 TRANSCOM-TC2381 Datasheet
279Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
   Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com