전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC3741 데이터시트(PDF) 2 Page - Transcom, Inc.

부품명 TC3741
상세설명  9.5 10.5 GHz 2W Single Bias MMIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3741 데이터시트(HTML) 2 Page - Transcom, Inc.

  TC3741 Datasheet HTML 1Page - Transcom, Inc. TC3741 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TC3741
REV0_20070111
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
2/2
Evaluation Board
PCB Material: RO4003
ER = 3.38
Thickness = 20 mil
Unit: mil
* DXF file of the PCB can be downloaded
from our web-site at
www.transcominc.com.tw
* Application Notes:
For better heat sinking and grounding,
it's recommended to have the via holes
beneath TC3741 filled with solder and
have two screws installed on required
heat sink plate besides TC3741 on the
PCB area.
C6,
1000pF
ATC 0.7pF
C1
TC3741
YYWW
386-350019-002
R1
12ohm
9~11GHz_V1
T5+T6_
ATC 1pF
C2
Vd1
Diode, D1
C4,
0.1uF
C3,
1000pF
Vd2
C5,
10uF
Evaluation Board Parts List
Qty
Part Type Reference Designator Description
Manufacturer Part Number
1
Capacitor
C1
Chip CAP (0805) 0.7PF±0.1PF
ATC
600F0R7BT
1
Capacitor
C2
Chip CAP (0805) 1.0PF±0.1PF
ATC
600F1R0BT
2
Capacitor
C3, C6
Chip CAP (0603) 1000PF±10%
Murata
GRM39X7R102K50V
1
Capacitor
C4
Chip CAP (0603) 0.1µF±20%
Murata
GRM39Y5V104Z25V
1
Capacitor
C5
Chip CAP (1210) 10µF±20% or
Chip CAP (1206) 10µF±20%
Murata
GRM42-6Y5V106Z25V or
GRM31CF5E106ZA01L
1
Diode
D1
Diode, 400V, 1A (SOD-123)
1
Resistor
R1
Chip resistor (0603) 12Ω±5%
Connection Diagram and PIN Descriptions
Physical Dimensions (Unit:inchs)


유사한 부품 번호 - TC3741

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC371 ETC-TC371 Datasheet
800Kb / 3P
   COUNTERS DECADE HEXADECIMAL
TC372 ETC-TC372 Datasheet
800Kb / 3P
   COUNTERS DECADE HEXADECIMAL
logo
Transcom, Inc.
TC3761 TRANSCOM-TC3761 Datasheet
219Kb / 4P
   9.2 - 10 GHz 10W Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC3773CS FUMAN-TC3773CS Datasheet
226Kb / 5P
   Low Power Offline Constant Current / Constant Voltage PSR Controller
TC3782C FUMAN-TC3782C Datasheet
337Kb / 5P
   LCD Digital Charger IC
More results

유사한 설명 - TC3741

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC3541 TRANSCOM-TC3541 Datasheet
150Kb / 2P
   5.2 - 5.9 GHz 2W Single Bias MMIC
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
   14 – 18 GHz 2W PA MMIC
logo
Mimix Broadband
XR1011-BD MIMIX-XR1011-BD_09 Datasheet
381Kb / 5P
   4.5-10.5 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XR1011-BD MA-COM-XR1011-BD Datasheet
370Kb / 5P
   4.5-10.5 GHz GaAs MMIC Receiver
logo
Tyco Electronics
MAAP-000064-PKG003 MACOM-MAAP-000064-PKG003 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD_08 Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1035-BD MA-COM-XP1035-BD Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC
logo
List of Unclassifed Man...
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
   2.4 GHz 2W MMIC
logo
Transcom, Inc.
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
   2.4 GHz 2W MMIC
logo
Mimix Broadband
XR1011-BD MIMIX-XR1011-BD Datasheet
163Kb / 1P
   4.5-10.5 GHz GaAs MMIC Receiver
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com