전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD-1805 데이터시트(PDF) 1 Page - Volgen Kaga Electronics Inc.

부품명 STD-1805
상세설명  ADAPTER - 90W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VOLGEN [Volgen Kaga Electronics Inc.]
홈페이지  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-1805 데이터시트(HTML) 1 Page - Volgen Kaga Electronics Inc.

  STD-1805 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-1805 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Kaga Electronics(USA) Inc.
FEATURE
IEC 320/C6
Input range
90-264V/47~63Hz
Output
12V~24V/3.75A~7A(90W max.)
Efficiency
80% typical
Protection
Short Circuit, Over Voltage and Over Current Protection
Load regulation
±5%
Leakage current
Less than 3.5mA
M.T.B.F.
50,000 hours min. at 25°C, full load
Cable Type
UL1185/ 14AWG or 16AWG
Dimension
138X61X36
Weight
415g
LCD Monitor,Notebook,Printer,Portable device
Safety
UL/cUL/GS/CB/PSE/BSMI
EMI
CE Class B; Conduction & Radiation MEET
Operating temperature 0~+40°C
Storage Temperature -20~+60°C
Relative Humidity
(operating)20~80%RH (storage)10~90%RH
ADAPTER - 90W
APPLICATION
SAFETY & EMI
Desktop
ENVIRONMENTAL


유사한 부품 번호 - STD-1805

제조업체부품명데이터시트상세설명
logo
Volgen Kaga Electronics...
STD-18008T VOLGEN-STD-18008T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-18011T VOLGEN-STD-18011T Datasheet
75Kb / 2P
   ADAPTER-18W
STD-1806 VOLGEN-STD-1806 Datasheet
63Kb / 2P
   ADAPTER - 5W/10W
More results

유사한 설명 - STD-1805

제조업체부품명데이터시트상세설명
logo
FSP TECHNOLOGY INC.
FSP090-ABBU3 FSP-FSP090-ABBU3 Datasheet
526Kb / 3P
   90W 19V Adapter
2021.04
logo
MicroPower Direct, LLC
LDC-80 MPD-LDC-80 Datasheet
1Mb / 4P
   90W Output Power
logo
Ningbo Leison Motor Co....
LS-5IK90-5GU NINGBO-LS-5IK90-5GU Datasheet
959Kb / 1P
   Induction Motor 90W
LS-Z5D90-5GU NINGBO-LS-Z5D90-5GU Datasheet
778Kb / 1P
   DC Motor 90W
logo
Mospec Semiconductor
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
2N6315 MOSPEC-2N6315 Datasheet
165Kb / 4P
   POWER TRANSISTORS(7.0A,90W)
logo
PULS GmbH
ML100.102 PULS-ML100.102 Datasheet
232Kb / 2P
   DC 12-15V / 90W
logo
RF Micro Devices
RFG1M09090 RFMD-RFG1M09090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
logo
Ningbo Leison Motor Co....
LS-5RK90-5GU NINGBO-LS-5RK90-5GU Datasheet
874Kb / 1P
   AC Reversible Motor 90W
logo
RF Micro Devices
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com