전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAL7 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 CAL7
상세설명  Cascadable Amplifier 50 to 500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CAL7 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CAL7 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CAL7 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CAL7 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
50 to 500 MHz
Rev. V3
AL7 / SMAL7
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• SYMMETRICAL CLIPPING:
GOOD EVEN-ORDER SUPPRESSION
• HIGH GAIN: 13 dB (TYP.)
• LOW VSWR: < 1.5:1 (TYP.)
• FAST PULSE RECOVERY TIME: < 50 NSEC (TYP.)
Description
The AL7 limiting amplifier is a discrete hybrid design, which
uses thin film manufacturing processes for accurate
performance and high reliability.
This design uses a Schottky diode limiter circuit at the output,
and a single stage bipolar transistor feedback amplifier at the
output. An RF choke is used for DC power supply decoupling
.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
AL7
TO-8
SMAL7
Surface Mount
CAL7 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.560 W
Junction Temperature Rise
Above Case Tjc
25.2ºC
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
20-550
50-500
50-500
Small Signal Gain (min)
dB
13.0
12.0
11.0
Gain Flatness (max)
dB
±0.2
±0.5
±0.7
Noise Figure (max)
50-300 MHz
300-500 MHz
dB
dB
5.0
5.5
6.0
6.5
6.5
7.0
Power Output @ 1 dB comp. (min)
dBm
-1.5
-5.0
-7.0
Output Limiting Level (max)
Pin = +10 dBm
dBm
+0.5
+1.5
+2.5
VSWR Input / Output (max)
1.1:1/<1.5:1 1.7:1/ 2.0:1
1.8:1 / 2.1:1
DC Current @ 15 Volts (max)
mA
54
57
59
* Over temperature performance limits for part number CAL7, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


유사한 부품 번호 - CAL7

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
CAL7 MACOM-CAL7 Datasheet
422Kb / 2P
   Cascadable Amplifier 50 to 500 MHz
logo
M/A-COM Technology Solu...
CAL7 MA-COM-CAL7 Datasheet
688Kb / 4P
   Cascadable Amplifier
logo
List of Unclassifed Man...
CAL73 ETC2-CAL73 Datasheet
707Kb / 1P
   RS-232 Interface
More results

유사한 설명 - CAL7

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AL7 MACOM-AL7 Datasheet
422Kb / 2P
   Cascadable Amplifier 50 to 500 MHz
logo
Teledyne Technologies I...
UTOUTC0571 TELEDYNE-UTOUTC0571 Datasheet
170Kb / 4P
   Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0572 TELEDYNE-UTOUTC0572 Datasheet
168Kb / 4P
   Thin-Film Cascadable Amplifier 50 to 500 MHz
logo
M/A-COM Technology Solu...
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A53 MACOM-A53 Datasheet
354Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A54 MA-COM-A54 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A513 MA-COM-A513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A515 MACOM-A515 Datasheet
405Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
   5 TO 500 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com