전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM-162PIN 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 AM-162PIN
상세설명  Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-162PIN 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-162PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-162PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-162PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise Amplifier, 12.5 dB Gain,
10 - 100 MHz
Rev. V5
AM- / AMC- / AMS-162
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 1.1 dB Typical Low Noise Figure @ 50 MHz
• +15 dBm Typical High Output Power @ 50 MHz
+32 dBm Typical Third Order Intercept @ 50 MHz
• Fully Hermetic Package (AM-162, AMS-162)
Description
M/A-COM’s AM-162 is a coupler feedback amplifier
with high intercept and compression points. The use
of coupler feedback minimizes noise figure and
current in a high intercept amplifier. This amplifier is
packaged in a TO-8-1 package, a surface mount
package and a connectorized version. The ground
plane on the PC board should be configured to
remove heat from under the package. AM-162 are
ideally suited for use where a high intercept, high
reliability amplifier is required.
TO-8-1
Pin No.
Function
Pin No.
Function
1
RF OUT
3
RF IN
2
VDC
4
GND
Pin Configuration (For AMS-162)
SF-1
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Outline Drawing: SMA Connectorized
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.


유사한 부품 번호 - AM-162PIN

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM-162PIN MACOM-AM-162PIN Datasheet
239Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-162PIN MACOM-AM-162PIN Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results

유사한 설명 - AM-162PIN

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain,
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
   Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com