전자부품 데이터시트 검색엔진 |
|
MC2713-2 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MC2713-2 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 3 page • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 Open Carrier Double-Balanced Mixer For Microwave Telecommunications Rev. V2 MC2713 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Features • LO 10.0 TO 15.0 GHz • RF 10.0 TO 15.0 GHz • IF DC TO 2.0 GHz • LO DRIVE +13 dBm (NOMINAL) • MICROSTRIP INTERFACE Description The MC2713 is a double balanced mixer, designed for use in military, commercial and test equipment applications. The design utilizes Schottky ring quad diodes and broadband soft dielectric and ferrite baluns to attain excellent performance. This mixer can also be used as a phase detector and/or bi-phase modulator since the IF port is DC coupled to the diodes. The use of high temperature solder and welded assembly processes used internally makes it ideal for use in manual, semi-automated assembly. Environmental screening available to MIL-STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory. Ordering Information Part Number Package MC2713 Open Carrier MC2713-2 Open Carrier Electrical Specifications: Z0 = 50Ω Lo = +13 dBm (Downconverter application only) Parameter Test Conditions Units Typical Guaranteed +25ºC -54º to +85ºC SSB Conversion Loss (max) & SSB Noise Figure (max) fR =10 to 15 GHz , fL = 10 to 15 GHz , fI = 0.01 to 1 GHz fR =10 to 15 GHz , fL = 10 to 15 GHz , fI = 0.01 to 2 GHz dB dB 5.6 6.0 7.0 8.5 7.5 9.0 Isolation, L to R (min) fL = 10 to 15 GHz dB 40 30 28 Isolation, L to I (min) fL = 10 to 15 GHz dB 35 22 20 Isolation, R to I (min) fL = 10 to 15 GHz dB 45 1 dB Conversion Comp. fL = +13 dBm dBm +6 Input IP3 fR1 = 11.5 GHz at –10 dBm, fR2 = 11.51 GHz at –10 dBm, fL = 12.5 GHz at +13 dBm dBm +17 Product Image |
유사한 부품 번호 - MC2713-2 |
|
유사한 설명 - MC2713-2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |