전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC048A320T030TP 데이터시트(PDF) 2 Page - Vicor Corporation

부품명 BC048A320T030TP
상세설명  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC048A320T030TP 데이터시트(HTML) 2 Page - Vicor Corporation

  BC048A320T030TP Datasheet HTML 1Page - Vicor Corporation BC048A320T030TP Datasheet HTML 2Page - Vicor Corporation BC048A320T030TP Datasheet HTML 3Page - Vicor Corporation BC048A320T030TP Datasheet HTML 4Page - Vicor Corporation BC048A320T030TP Datasheet HTML 5Page - Vicor Corporation BC048A320T030TP Datasheet HTML 6Page - Vicor Corporation BC048A320T030TP Datasheet HTML 7Page - Vicor Corporation BC048A320T030TP Datasheet HTML 8Page - Vicor Corporation BC048A320T030TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Bus Converter Module
BC048A320T030FP
vicorpower.com
Rev. 1.0
Page 2 of 11
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
+In to -In
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
+Out to -Out
-0.5 to 48
Vdc
Isolation voltage
2,250
Vdc
Input to output
Output current
11.3
A
Continuous
Peak output current
14.1
A
For 1 ms
Output power
300
W
Continuous
Peak output power
450
W
For 1 ms
Operating temperature
-40 to +100
°C
T-Grade; baseplate
-55 to +100
°C
M-Grade; baseplate
Storage temperature
-40 to +125
°C
T-Grade
-65 to +125
°C
M-Grade
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Absolute Maximum Ratings
SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Input voltage range
38
48
55
Vdc
Input dV/dt
1
V/µs
Input undervoltage turn-on
37.4
Vdc
Input undervoltage turn-off
33.6
Vdc
Input overvoltage turn-on
55.0
Vdc
Input overvoltage turn-off
59.2
Vdc
Input quiescent current
2.58
mA
PC low
Inrush current overshoot
5.5
A
Using test circuit in Figure 15; See Figure 1
Input current
6.8
Adc
Input reflected ripple current
310
mA p-p
Using test circuit in Figure 15; See Figure 4
No load power dissipation
3.9
5.2
W
Internal input capacitance
1.9
µF
Internal input inductance
5
nH
Recommended external input capacitance
47
µF
200 nH maximum source inductance; See Figure 15
Input Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Note: Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions
in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.


유사한 부품 번호 - BC048A320T030TP

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

유사한 설명 - BC048A320T030TP

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com