전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB39C313 데이터시트(PDF) 40 Page - Fujitsu Component Limited.

부품명 MB39C313
상세설명  4ch System Power Management IC for LCD Panel
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39C313 데이터시트(HTML) 40 Page - Fujitsu Component Limited.

Back Button MB39C313 Datasheet HTML 36Page - Fujitsu Component Limited. MB39C313 Datasheet HTML 37Page - Fujitsu Component Limited. MB39C313 Datasheet HTML 38Page - Fujitsu Component Limited. MB39C313 Datasheet HTML 39Page - Fujitsu Component Limited. MB39C313 Datasheet HTML 40Page - Fujitsu Component Limited. MB39C313 Datasheet HTML 41Page - Fujitsu Component Limited. MB39C313 Datasheet HTML 42Page - Fujitsu Component Limited. MB39C313 Datasheet HTML 43Page - Fujitsu Component Limited. MB39C313 Datasheet HTML 44Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
MB39C313
40
DS04–27267–1E
• Part List
(Continued)
Count
Designator
Item Specification
Part Value
Package
Part number
Vendor
1U1
IC, Bias Power Supply for
LCD
MB39C313 TSSOP28P
MB39C313
FML
2C1, C24
Capacitor, Ceramic, 50 V,
X5R, 10%
1
μF
1206
C3216X5R1H105K
TDK
2
C10, C11
Capacitor, Ceramic, 10 V, B,
20%
10
μF
0805
C2012JB1A106K
TDK
6
C7, C8, C13,
C14, C15,
C16
Capacitor, Ceramic, 25V, B,
20%
22
μF
1210
C3225JB1E226M
TDK
1C17
Capacitor, Ceramic, 50 V,
CH, 5%
22 pF
0603
C1608CH1H220J
TDK
8
C18, C22,
C23, C25,
C26, C27,
C28, C29
Capacitor, Ceramic, 50 V, B,
10%
0.47
μF
1206
C3216JB1H474K
TDK
2C2, C3
Capacitor, Ceramic, 50 V, B,
10%
22 nF
0603
C1608JB1H223K
TDK
3
C4, C5, C12
Capacitor, Ceramic, 50 V, B,
10%
10 nF
0603
C1608JB1H103K
TDK
1C6
Capacitor, Ceramic, 25 V, B,
10%
220 nF
0603
C1608JB1E224K
TDK
1C9
Capacitor, Ceramic, 50 V, B,
10%
0.1
μF
0603
C1608JB1H104K
TDK
2D1, D2
Diode, Schottky Rectifier,
3 A, 30 V
MBRA340T3
SMA-403D
MBRA340T3
On-
Semi
3
D3, D4, D5
Diode, Dual Schottky,
200 mA, 30 V
BAT54S
SOT23
BAT54S
On-
Semi
1
L1
Inductor, SMT, 6.5 A, 35 m
Ω
10
μH
10x10.2
CDRH104R-100NC Sumida
1
L2
Inductor, SMT, 4.4 A, 40 m
Ω
6.8
μH
7.5x8
PLC-0745-6R8S
NEC
6
R2, R12,
R14, R17,
R21, R23
Resistor, 1 A, Chip, 0.5%
0R
0603
RK73Z1J
KOA
1
R8
Resistor, 2 A, Chip, 0.5%
0R
0805
RK73Z2J
KOA
1
R10
Resistor, Chip, 1/16 W, 0.5%
56 K
0603
RR0816P-563-D
SSM
1
R11
Resistor, Chip, 1/10 W, 0.5%
680 K
0603
RK73G1JTTD6803D
KOA
2
R13, R27
Resistor, Chip, 1/16 W, 0.5%
51 K
0603
RR0816P-513-D
SSM
1
R19
Resistor, Chip, 1/10 W, 0.5%
620 K
0603
RK73G1JTTD6203D
KOA
1
R20
Resistor, Chip, 1/16 W, 0.5%
150 K
0603
RR0816P-154-D
SSM
1
R26
Resistor, Chip, 1/10 W, 0.5%
1 M
0603
RK73G1JTTD1004D
KOA
2
R28, R29
Resistor, Chip, 1/16 W, 0.5%
100 K
0603
RR0816P-104-D
SSM
1
R5
Resistor, Chip, 1/16W, 0.5%
2 K
0603
RR0816P-202-D
SSM
1
R6
Resistor, Chip, 1/16W, 0.5%
1.1 K
0603
RR0816P-112-D
SSM


유사한 부품 번호 - MB39C313

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
MB39C31WQN CYPRESS-MB39C31WQN Datasheet
1Mb / 69P
   2ch Buck DC/DC Converter 1ch LDO with I2C Interface and SW FET
More results

유사한 설명 - MB39C313

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Skyworks Solutions Inc.
SKY87021-11 SKYWORKS-SKY87021-11 Datasheet
145Kb / 2P
   Power Management IC for the SkyBlue System
SKY87020-13 SKYWORKS-SKY87020-13 Datasheet
149Kb / 2P
   Power Management IC for the SkyBlue System
logo
Texas Instruments
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com