전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC510IOE713 데이터시트(PDF) 4 Page - Microchip Technology

부품명 TC510IOE713
상세설명  Precision Analog Front Ends with Dual Slope ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510IOE713 데이터시트(HTML) 4 Page - Microchip Technology

  TC510IOE713 Datasheet HTML 1Page - Microchip Technology TC510IOE713 Datasheet HTML 2Page - Microchip Technology TC510IOE713 Datasheet HTML 3Page - Microchip Technology TC510IOE713 Datasheet HTML 4Page - Microchip Technology TC510IOE713 Datasheet HTML 5Page - Microchip Technology TC510IOE713 Datasheet HTML 6Page - Microchip Technology TC510IOE713 Datasheet HTML 7Page - Microchip Technology TC510IOE713 Datasheet HTML 8Page - Microchip Technology TC510IOE713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TC500/A/510/514
DS21428E-page 4
© 2008 Microchip Technology Inc.
Voltage Reference
Range
VREF
VSS +1
VDD – 1
VSS +1
VDD – 1
V
VREF- VREF+
Digital
Comparator Logic 1,
Output High
VOH
4—
4
V
ISOURCE = 400 μA
Comparator Logic 0,
Output Low
VOL
0.4
0.4
V
ISINK = 2.1 mA
Logic 1, Input High
Voltage
VIH
3.5
3.5
V
Logic 0, Input Low
Voltage
VIL
——
1
1
V
Logic Input Current
IL
——
0.3
μ
A
Logic ‘1’ or ‘0
Comparator Delay
tD
—2
3
μ
s
Multiplexer (TC514 Only)
Maximum Input
Voltage
-2.5
2.5
-2.5
2.5
V
VDD = 5V
Drain/Source ON
Resistance
RDSON
—6
10
kΩ
VDD = 5V
Power (TC510/TC514 Only)
Supply Current
IS
1.8
2.4
3.5
mA
VDD = 5V, A = 1, B = 1
Power Dissipation
PD
—18
mW
VDD = 5V
Positive Supply
Operating Voltage
Range
VDD
4.5
5.5
4.5
5.5
V
Operating Source
Resistance
ROUT
60
85
100
IOUT = 10 mA
Oscillator Frequency
100
kHz
Note 1
Maximum Current
Out
IOUT
——
-10
-10
mA
VDD = 5V
Power (TC500/TC500A Only)
Supply Current
IS
1
1.5
2.5
mA
VS = ±5V, A = B = 1
Power Dissipation
PD
—10
mW
VDD = 5V, VSS = -5V
Positive Supply
Operating Range
VDD
4.5
7.5
4.5
7.5
V
Negative Supply
Operating Range
VSS
-4.5
-7.5
- 4.5
-7.5
V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise specified, TC510/TC514: VDD = +5V, TC500/TC500A: VSS = ±5V.
CAZ = CREF = 0.47 μF.
Parameters
Sym
TA = +25°C
TA = 0°C to 70°C
Units
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Note
1:
Integrate time
≥ 66 ms, auto-zero time ≥ 66 ms, VINT (peak) ≈ 4V.
2:
End point linearity at ±1/4, ±1/2, ±3/4 F.S. after full-scale adjustment.
3:
Rollover error is related to CINT, CREF, CAZ characteristics.


유사한 부품 번호 - TC510IOE713

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC510IOE713 MICROCHIP-TC510IOE713 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
More results

유사한 설명 - TC510IOE713

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
   FET Input Analog Front End with ADC Driver
logo
List of Unclassifed Man...
ES51966 ETC1-ES51966 Datasheet
509Kb / 27P
   44,000/440,000-COUNT DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER(ADC) WITH X10 AND PEAK HOLD FUNCTIONS
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com