전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

748-455-CW 데이터시트(PDF) 1 Page - Oscilent Corporation

부품명 748-455-CW
상세설명  SMD Ceramic Filter 455 KHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSCILENT [Oscilent Corporation]
홈페이지  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

748-455-CW 데이터시트(HTML) 1 Page - Oscilent Corporation

  748-455-CW Datasheet HTML 1Page - Oscilent Corporation 748-455-CW Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
Filters
Series Number
Package
Description
Last Modified
748
SMD Ceramic Filter
455 KHz
Sept 21 2009
Filter FEATURES
- Surface Mount Ceramic Filter
- RoHS Compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS / PART NUMBER
GUIDE
PART NO.
6dB
Bandwidth
50dB Bandwidth
Pass Band
Ripple
Spurious
Attenuation
fn ±100KHz
Insertion
Loss
In/Output
Impedance
KHz min.
KHz max.
dB max.
dB min.
dB max.
Kohm
748-455-BW
±15
±30
2
50
4
1
748-455-CW
±12.5
±25
2
50
4
1
748-455-DW
±10
±20
2
45
6
1.5
748-455-EW
±7.5
±15
2
50
4
1.5
748-455-FW
±6
±12
2
47
6
1.5
748-455-GW
±4.5
±10
2
45
6
1.5
748-455-HW
±3
±9
2
47
6
1.5
748-455-IW
±2
±7.5
2
47
6
1.5
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
Page 1 of 2
Oscilent Corporation | 748 Series Ceramic Filter


유사한 부품 번호 - 748-455-CW

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
748-463-3 TEC-748-463-3 Datasheet
166Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
748-464-2 TEC-748-464-2 Datasheet
166Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
748-465-2 TEC-748-465-2 Datasheet
166Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
748-466-2 TEC-748-466-2 Datasheet
166Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

유사한 설명 - 748-455-CW

제조업체부품명데이터시트상세설명
logo
Oscilent Corporation
746-455-BU OSCILENT-746-455-BU Datasheet
129Kb / 2P
   SMD Ceramic Filter 455 KHz
747-450-BW OSCILENT-747-450-BW Datasheet
129Kb / 2P
   SMD Ceramic Filter 450 KHz
664-455-18 OSCILENT-664-455-18 Datasheet
132Kb / 2P
   455 KHz Discriminator
665-455-24 OSCILENT-665-455-24 Datasheet
124Kb / 1P
   455 KHz Discriminator
logo
Balluff Korea Ltd.
BIS00PE BALLUFF-BIS00PE Datasheet
671Kb / 4P
   LF (70/455 kHz)
BIS00PP BALLUFF-BIS00PP Datasheet
159Kb / 3P
   LF (70/455 kHz)
BIS002N BALLUFF-BIS002N Datasheet
119Kb / 2P
   LF (70/455 kHz)
BIS0017 BALLUFF-BIS0017 Datasheet
102Kb / 2P
   LF (70/455 kHz)
1.16_2021-07-14
BIS00N3 BALLUFF-BIS00N3 Datasheet
668Kb / 4P
   LF (70/455 kHz)
BIS00P6 BALLUFF-BIS00P6 Datasheet
220Kb / 4P
   LF (70/455 kHz)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com