전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA2080N2810 데이터시트(PDF) 3 Page - American Accurate Components, Inc.

부품명 CA2080N2810
상세설명  Broadband Small Signal Amplifier 0.5 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAC [American Accurate Components, Inc.]
홈페이지  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CA2080N2810 데이터시트(HTML) 3 Page - American Accurate Components, Inc.

  CA2080N2810 Datasheet HTML 1Page - American Accurate Components, Inc. CA2080N2810 Datasheet HTML 2Page - American Accurate Components, Inc. CA2080N2810 Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Broadband Small Signal Amplifier 0.5 to 18GHz
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
3
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Small Signal Amplifiers
0. 5
to 18GHz
Continued
P/N
Freq. Range
Gain
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
CA8018N4215
8 - 18
39
46
4.5
15
± 2.0
25
2:1
380
8I,46
CA8018N4915
8 - 18
45
53
5.0
15
± 2.0
25
2:1
450
8I,46
Notes:
1. Operating Temperature : -55
OC to +85 OC. Storage Temperature : -60 OC to +90 OC.
2. All products have built-in voltage regulators, which can operate from +10V to +18VDC.
3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available.
4. Connectors for MH case are detachable, insulator input and output after removal of connectors.
5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle.
6. Custom Designs Available


유사한 부품 번호 - CA2080N2810

제조업체부품명데이터시트상세설명
logo
American Accurate Compo...
CA2080N2120 AAC-CA2080N2120 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
CA2080N2920 AAC-CA2080N2920 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
CA2080N2923 AAC-CA2080N2923 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
More results

유사한 설명 - CA2080N2810

제조업체부품명데이터시트상세설명
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM_15 Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com