전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MBL3245CFT 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC7MBL3245CFT
상세설명  Low Voltage/Low Capacitance Octal Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3245CFT 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7MBL3245CFT Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3245CFT Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3245CFT Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3245CFT Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3245CFT Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL3245CFT Datasheet HTML 8Page - Toshiba Semiconductor TC7MBL3245CFT Datasheet HTML 9Page - Toshiba Semiconductor TC7MBL3245CFT Datasheet HTML 10Page - Toshiba Semiconductor TC7MBL3245CFT Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC7MBL3245CFT/FK/FTG
2008-09-01
7
AC Test Circuit
AC Waveform
Parameter
Switch
tpLZ, tpZL
2
× VCC
tpHZ, tpZH
GND
Open
2
× VCC
GND
Switch
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
90%
10%
VOL
VOH
GND
VCC
50%
tpHZ
tpZH
tr 2.5 ns
tf 2.5 ns
50%
VOL
VOH
Outputs
enabled
50%
tpLZ
tpZL
90%
Outputs
disabled
Outputs
enabled
Output Enable
( OE )
Output (A, B)
Low to Off to Low
Output (A, B)
High to Off to High
10%
Figure 2
tpLZ, tpHZ, tpZL, tpZH


유사한 부품 번호 - TC7MBL3245CFT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
167Kb / 6P
   Octal Bus Switch
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245BFK TOSHIBA-TC7MBL3245BFK Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
More results

유사한 설명 - TC7MBL3245CFT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MBL3245SFT TOSHIBA-TC7MBL3245SFT Datasheet
252Kb / 10P
   Low Voltage/Low Capacitance Octal Bus Switch
TC7MB3244CFT TOSHIBA-TC7MB3244CFT Datasheet
294Kb / 12P
   Low Capacitance Octal Bus Switch
2014-03-01
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com