전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MPB9307FT 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7MPB9307FT
상세설명  Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MPB9307FT 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7MPB9307FT Datasheet HTML 1Page - Toshiba Semiconductor TC7MPB9307FT Datasheet HTML 2Page - Toshiba Semiconductor TC7MPB9307FT Datasheet HTML 3Page - Toshiba Semiconductor TC7MPB9307FT Datasheet HTML 4Page - Toshiba Semiconductor TC7MPB9307FT Datasheet HTML 5Page - Toshiba Semiconductor TC7MPB9307FT Datasheet HTML 6Page - Toshiba Semiconductor TC7MPB9307FT Datasheet HTML 7Page - Toshiba Semiconductor TC7MPB9307FT Datasheet HTML 8Page - Toshiba Semiconductor TC7MPB9307FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC7MPB9307FT/FK
2008-06-25
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7MPB9307FT/FK
Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
The TC7MPB9307 is a CMOS 8-bit dual-supply bus switch that
can provide an interface between two nodes at different voltage
levels.
The TC7MPB9307 can be connected to two independent power
supplies. VCCA supports 1.8-V, 2.5-V and 3.3-V power supplies,
whereas VCCB supports 2.5-V, 3.3-V and 5.0V power supplies.
Bidirectional level-shifting is possible by simply adding
external pull-up resistors between the An/Bn data lines and the
VCCA/VCCB supplies. There is no restriction on the relative
magnitude of the An and Bn voltages; both the An and Bn data
lines can be pulled up to arbitrary power supplies.
The Output Enable ( OE ) input controls the connection or
isolation of two bus systems on the VCCA and VCCB sides.
The OE input is common for all the eight bits of the data
lines; thus the TC7MPB9307 is used as a single eight-bit bus
switch. When OE is Low, the switch is on, and An is connected
to Bn. When OE is High, the switch is open.
The TC7MPB9307 supports power-down protection at the OE
input, with OE being 5.5-V tolerant.
The channels consist of n-type MOSFETs.
All the inputs provide protection against electrostatic
discharge.
Features
• Operating voltage: 1.8-V to 2.5-V, 1.8-V to 3.3-V, 1.8-V to 5.0-V, 2.5-V to 3.3-V, 2.3-V to 5.0-V or 3.3-V to 5.0-V
bidirectional interface
• Operating voltage: VCCA = 1.65 to 5.0 V, VCCB = 2.3 to 5.5 V
• Low ON-resistance: RON = 5.0 Ω (typ.)
(ON-resistance test circuit: VIS = 0 V, IIS = 30 mA, VCCA= 3.0 V , VCCB = 4.5 V)
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• 5.5-V tolerance and power-down protection at the Output Enable input.
• Packages: TSSOP20,VSSOP(20)
TC7MPB9307FT
TC7MPB9307FK
Weight
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)


유사한 부품 번호 - TC7MPB9307FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MPB9326FK TOSHIBA-TC7MPB9326FK Datasheet
557Kb / 13P
   Low Voltage / Low Power Dual SPDT Supply Bus Switch
2017-02-23
TC7MPB9326FT TOSHIBA-TC7MPB9326FT Datasheet
557Kb / 13P
   Low Voltage / Low Power Dual SPDT Supply Bus Switch
2017-02-23
TC7MPB9326FT TOSHIBA-TC7MPB9326FT Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7MPB9327FK TOSHIBA-TC7MPB9327FK Datasheet
557Kb / 13P
   Low Voltage / Low Power Dual SPDT Supply Bus Switch
2017-02-23
More results

유사한 설명 - TC7MPB9307FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7SPB9306TU TOSHIBA-TC7SPB9306TU Datasheet
342Kb / 12P
   Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
TC7MPB9326FT TOSHIBA-TC7MPB9326FT Datasheet
557Kb / 13P
   Low Voltage / Low Power Dual SPDT Supply Bus Switch
2017-02-23
TC7SP3125TU TOSHIBA-TC7SP3125TU Datasheet
224Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
TC7SPN3125TU TOSHIBA-TC7SPN3125TU Datasheet
224Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
TC7SP3125CFC TOSHIBA-TC7SP3125CFC Datasheet
166Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
2009-02-02
TC7SPN3125CFC TOSHIBA-TC7SPN3125CFC Datasheet
226Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
2014-03-01
TC7MPS3125FTG TOSHIBA-TC7MPS3125FTG Datasheet
306Kb / 22P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
TC7MPS3125FK TOSHIBA-TC7MPS3125FK Datasheet
322Kb / 23P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
TC7SP3066TU TOSHIBA-TC7SP3066TU Datasheet
186Kb / 10P
   Low Voltage Dual Supply Single Bus Switch (analog)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com