전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SBL66CFU 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7SBL66CFU
상세설명  Low Voltage / Low Capacitance Single Bus Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SBL66CFU 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7SBL66CFU Datasheet HTML 1Page - Toshiba Semiconductor TC7SBL66CFU Datasheet HTML 2Page - Toshiba Semiconductor TC7SBL66CFU Datasheet HTML 3Page - Toshiba Semiconductor TC7SBL66CFU Datasheet HTML 4Page - Toshiba Semiconductor TC7SBL66CFU Datasheet HTML 5Page - Toshiba Semiconductor TC7SBL66CFU Datasheet HTML 6Page - Toshiba Semiconductor TC7SBL66CFU Datasheet HTML 7Page - Toshiba Semiconductor TC7SBL66CFU Datasheet HTML 8Page - Toshiba Semiconductor TC7SBL66CFU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC7SBL66C,384CFU
2008-12-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SBL66CFU,TC7SBL384CFU
Low Voltage / Low Capacitance Single Bus Switch
The TC7SBL66C and TC7SBL384C are a Low Voltage / Low
Capacitance CMOS single Bus Switch. The low On-resistance of
the switch allows connections to be made with minimal
propagation delay time.
The TC7SBL66C requires the output enable (OE) input to be
set low to place the output into the high impedance state,whereas
the TC7SBL384C requires the output enable ( OE ) input to be set
high to place the output into the high impedance.
All inputs are equipped with protection circuits against static
discharge.
Features
• Operating voltage
: VCC = 1.65 to 3.6 V
• On-capacitance
: CI/O = 7 pF Switch On (typ.)@VCC = 3 V
• On-resistance
: RON = 5.5 Ω (typ.)@VCC = 3 V, VI/O = 0 V
• ESD performance
: Machine model
≥ ±200 V
Human body model
≥ ±2000 V
• Power-down protection for inputs (OE and OE , I/O)
• Package
: USV
Pin Assignment (top view)
TC7SBL66CFU
TC7SBL384CFU
Weight: 0.006 g (typ.)
VCC
5
OE
4
A
1
2
3
GND
B
J V
VCC
5
OE
4
A
12
3
GND
B
J O


유사한 부품 번호 - TC7SBL66CFU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SBL384AFU TOSHIBA-TC7SBL384AFU Datasheet
167Kb / 6P
   Single Low-Voltage Bus Switch
More results

유사한 설명 - TC7SBL66CFU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WBL3306CFK TOSHIBA-TC7WBL3306CFK Datasheet
205Kb / 10P
   Low Voltage / Low Capacitance Dual Bus Switch
TC7MBL6125SFT TOSHIBA-TC7MBL6125SFT Datasheet
251Kb / 11P
   Quad Low Voltage/Low Capacitance Bus Switch
TC7MBL3245SFT TOSHIBA-TC7MBL3245SFT Datasheet
252Kb / 10P
   Low Voltage/Low Capacitance Octal Bus Switch
TC7MBL3125CFT TOSHIBA-TC7MBL3125CFT Datasheet
244Kb / 12P
   Low Voltage/Low Capacitance Quad Bus Switch
TC7MBL3245CFT TOSHIBA-TC7MBL3245CFT Datasheet
252Kb / 12P
   Low Voltage/Low Capacitance Octal Bus Switch
TC7SBL384AFU TOSHIBA-TC7SBL384AFU Datasheet
167Kb / 6P
   Single Low-Voltage Bus Switch
TC7MB3244CFT TOSHIBA-TC7MB3244CFT Datasheet
294Kb / 12P
   Low Capacitance Octal Bus Switch
2014-03-01
TC7MB3125CFT TOSHIBA-TC7MB3125CFT Datasheet
289Kb / 11P
   Low Capacitance Quad Bus Switch
2014-03-01
logo
Texas Instruments
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_10 Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com