전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SZ86FU 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7SZ86FU
상세설명  2-Input EXCLUSIVE OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ86FU 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ86FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7SZ86F/FU
2009-09-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ86F,TC7SZ86FU
2-Input EXCLUSIVE OR Gate
Features
• High output current
: ±24 mA (min) at VCC = 3 V
• Super high speed operation : tpd=2.9 ns (typ.)
at VCC = 5 V, 50 pF
• Operating voltage range
: VCC = 1.8 to 5.5 V
• 5.5-V tolerant inputs.
• 5.5-V power down protection output.
• Matches the performance of TC74LCX series when operated at
3.3 V VCC.
Marking
Absolute Maximum Ratings (Ta=25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
−0.5 to 6
(Note 1)
DC output voltage
VOUT
−0.5 to VCC +0.5 (Note 2)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
(Note 3) mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65 to 150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: VCC = 0V
Note 2: High or Low State. Do not exceed IOUT of absolute maximum ratings.
Note 3: VOUT < GND
TC7SZ86F
(SMV)
TC7SZ86FU
(USV)
Weight:
SSOP5-P-0.95
: 0.016 g (typ.)
SSOP5-P-0.65A
: 0.006 g (typ.)
Product name
J 8
5 VCC
4
OUT Y
IN A
2
GND
3
IN B
1


유사한 부품 번호 - TC7SZ86FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SZ86FU TOSHIBA-TC7SZ86FU Datasheet
175Kb / 7P
   EXCLUSIVE OR Gate
More results

유사한 설명 - TC7SZ86FU

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com