전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7WPB9306FC 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TC7WPB9306FC
상세설명  Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WPB9306FC 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7WPB9306FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WPB9306FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WPB9306FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WPB9306FC Datasheet HTML 6Page - Toshiba Semiconductor TC7WPB9306FC Datasheet HTML 7Page - Toshiba Semiconductor TC7WPB9306FC Datasheet HTML 8Page - Toshiba Semiconductor TC7WPB9306FC Datasheet HTML 9Page - Toshiba Semiconductor TC7WPB9306FC Datasheet HTML 10Page - Toshiba Semiconductor TC7WPB9306FC Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC7WPB9306,9307FC/FK
2009-03-03
7
DC Test Circuit
Figure 2 ON-resistance Test Circuits
AC Test Circuits
tpLH,HL
Figure 3 tpLH, tpHL Test Circuits
tpLZ,ZL
Figure 4 tpLZ, tpZL Test Circuits
IIS
ΔV
Ron
=
VCCA
VCCB
A1(B1)
B1(A1)
A2
B2
GND
OE,OE
VCCA
VCCB
IIS
Δ
V
OE:L
OE:H
VCCA
VCCB
A1(B1)
B1(A1)
A2
B2
GND
VCCA
VCCB
Measure
RL=1kΩ
VCCA
VCCB
A1(B1)
B1(A1)
A2
B2
GND
VCCA
VCCB
Measure
RL=1kΩ
Input
Input
CL=30pF
CL=30pF
OE,OE
OE,OE OE:L
OE:H
OE:L
OE:H
VCCA
VCCB
A1(B1)
B1(A1)
A2
B2
GND
VCCA
VCCB
Measure
RL=1kΩ
VCCA
VCCB
A1(B1)
B1(A1)
A2
B2
GND
VCCA
VCCB
Measure
RL=1kΩ
Input
Input
CL=30pF
CL=30pF
OE,OE
OE,OE


유사한 부품 번호 - TC7WPB9306FC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB306FK TOSHIBA-TC7WPB306FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FC TOSHIBA-TC7WPB307FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB307FK TOSHIBA-TC7WPB307FK Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
More results

유사한 설명 - TC7WPB9306FC

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MPB9307FT TOSHIBA-TC7MPB9307FT Datasheet
255Kb / 13P
   Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
TC7SPB9306TU TOSHIBA-TC7SPB9306TU Datasheet
342Kb / 12P
   Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPB9326FT TOSHIBA-TC7MPB9326FT Datasheet
557Kb / 13P
   Low Voltage / Low Power Dual SPDT Supply Bus Switch
2017-02-23
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7WPB306FC TOSHIBA-TC7WPB306FC Datasheet
337Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7SP3125TU TOSHIBA-TC7SP3125TU Datasheet
224Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com