전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LCX86FT 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TC74LCX86FT
상세설명  Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX86FT 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74LCX86FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX86FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX86FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX86FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX86FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX86FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX86FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX86FT Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX86FT Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TC74LCX86F/FN/FT/FK
2008-05-01
8
Package Dimensions
Weight: 0.06 g (typ.)


유사한 부품 번호 - TC74LCX86FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX86FT TOSHIBA-TC74LCX86FT Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX86FT TOSHIBA-TC74LCX86FT Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86FT TOSHIBA-TC74LCX86FT_12 Datasheet
216Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74LCX86FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F_12 Datasheet
216Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F_07 Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74VCX86FT TOSHIBA-TC74VCX86FT_07 Datasheet
245Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 3.6-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74ALVC86 FAIRCHILD-74ALVC86_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX86 FAIRCHILD-74VCX86 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC86 FAIRCHILD-74ALVC86 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX32F TOSHIBA-TC74LCX32F_07 Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX32F TOSHIBA-TC74LCX32F_12 Datasheet
216Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com