전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP3212 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP3212
상세설명  PHOTOCOUPLER PHOTO RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3212 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP3212 Datasheet HTML 1Page - Toshiba Semiconductor TLP3212 Datasheet HTML 2Page - Toshiba Semiconductor TLP3212 Datasheet HTML 3Page - Toshiba Semiconductor TLP3212 Datasheet HTML 4Page - Toshiba Semiconductor TLP3212 Datasheet HTML 5Page - Toshiba Semiconductor TLP3212 Datasheet HTML 6Page - Toshiba Semiconductor TLP3212 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP3212
2008-04-01
5
tON,tOFF ─ I F
tON,tOFF ─ Ta
3
30
5
50
110
100
1
10
100
1000
200
300
500
50
-20
0
20
40
60
80
100
100
1000
Forward current I F (mA)
Ambient temperature Ta (
°C)
I OFF ─ VOFF
C OFF ─ VOFF
Ta = 25℃
0
102030
40
5060
20
40
60
80
100
Ta = 25℃
0
10203040
0
0.2
0.4
0.6
0.8
1.0
1.2
Off-state output voltage VOFF (V)
Off-state output voltage VOFF (V)
t OFF
t ON
t OFF
t ON
Ta = 25 ℃
VDD = 20 V, RL = 200 Ω
VDD = 20 V
RL = 200 Ω, I F = 5 mA


유사한 부품 번호 - TLP3212

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP321 TOSHIBA-TLP321 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
logo
ISOCOM COMPONENTS
TLP321 ISOCOM-TLP321 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
logo
ISOCOM COMPONENTS
TLP321-2 ISOCOM-TLP321-2 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TLP321-3 ETC1-TLP321-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
More results

유사한 설명 - TLP3212

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
   PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3215 TOSHIBA-TLP3215_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3216 TOSHIBA-TLP3216_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3214 TOSHIBA-TLP3214_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP594G TOSHIBA-TLP594G Datasheet
136Kb / 4P
   Photocoupler Photo Relay
TLP179D TOSHIBA-TLP179D Datasheet
125Kb / 4P
   PHOTOCOUPLER PHOTO RELAY
TLP3203 TOSHIBA-TLP3203 Datasheet
205Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com