전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC8027 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPC8027
상세설명  Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8027 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPC8027 Datasheet HTML 1Page - Toshiba Semiconductor TPC8027 Datasheet HTML 2Page - Toshiba Semiconductor TPC8027 Datasheet HTML 3Page - Toshiba Semiconductor TPC8027 Datasheet HTML 4Page - Toshiba Semiconductor TPC8027 Datasheet HTML 5Page - Toshiba Semiconductor TPC8027 Datasheet HTML 6Page - Toshiba Semiconductor TPC8027 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC8027
2009-09-29
4
100
100
5
6
VGS = 10 V
4.5
1
100
10
0.1
1
10
Ta
= −55°C
25
100
0.1
1
10
0.1
1
10
100
1000
9
ID = 18 A
4.5
0
2
4
6
8
10
0
0.04
0.08
0.12
0.16
0.20
Ta
= −55°C
100°C
25°C
1
2
3
4
0
10
20
30
40
50
0
3.8
VGS = 3 V
3.4
10
3.6
4.5
8
4
3.2
3.5
0
0.2
0.4
0.6
0.8
1
0
4
8
12
16
20
3.8
VGS = 3 V
10
3.6
4
8
4.5
3.2
0
0.4
0.8
1.2
1.6
2
0
10
20
30
40
50
3.5
3.4
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Drain
source voltage VDS (V)
Drain-source voltage VDS (V)
Gate
source voltage VGS (V)
Gate
source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)


유사한 부품 번호 - TPC8027

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8027 TOSHIBA-TPC8027 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - TPC8027

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8025 TOSHIBA-TPC8025 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCP8006 TOSHIBA-TPCP8006 Datasheet
191Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPC8042 TOSHIBA-TPC8042 Datasheet
207Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8030 TOSHIBA-TPC8030 Datasheet
229Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8029 TOSHIBA-TPC8029 Datasheet
189Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com