전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC8406-H 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TPC8406-H
상세설명  Field Effect Transistor Silicon P/N-Channel MOS Type (P-Channel竊뢓-Channel Ultra-High-Speed U-MOSIII)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8406-H 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TPC8406-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 8Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 9Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 10Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TPC8406-H
2009-09-29
10
N-Channel
rth – tw
Pulse width tw (s)
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
0.1
Safe operating area
Drain-source voltage VDS (V)
0.1
100
1
10
100
10
0.1
1
単発パルス
(3)
(2)
(4)
(1)
VDSS max
* Single - pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
1 ms *
ID max (Pulse) *
10 ms *
Single-device value at dual
operation (Note 3b)
Single - pulse
Device mounted on a glass-epoxy board (a) (Note 2a)
(1)Single-device operation (Note 3a)
(2)Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3)Single-device operation (Note 3a)
(4)Single-device value at dual operation (Note 3b)


유사한 부품 번호 - TPC8406-H

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
TPC8406-H VBSEMI-TPC8406-H Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - TPC8406-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H_06 Datasheet
458Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H Datasheet
88Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (Ultra High-Speed U-MOSIII)
TPCA8022-H TOSHIBA-TPCA8022-H Datasheet
249Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com