전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM135B 데이터시트(PDF) 5 Page - Silicon Touch Technology Inc.

부품명 DM135B
상세설명  16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM135B 데이터시트(HTML) 5 Page - Silicon Touch Technology Inc.

  DM135B Datasheet HTML 1Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 2Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 3Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 4Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 5Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 6Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DM134B
DM135B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-4-
Version
:A.006
Pin Description
PIN No.
PIN NAME
FUNCTION
1
GND
Ground terminal
2
SERIAL-IN
Input terminal of a data shift register
3
CLOCK
Input terminal of a clock for shift register
4
LATCH
Input terminal of data strobe
5~20
OUT0~15
Output terminals
21
ENABLE
Input terminal of output enable (active low)
22
SERIAL-OUT
Output terminal of a data shift register
23
R-EXT
Input terminal of an external resistor
24
VDD
5V Supply voltage terminal
Equivalent Circuit of Inputs and Outputs
1. ENABLE terminal
2. LATCH terminal
3. CLOCK, SERIAL-IN terminal
4. SERIAL-OUT terminal
CLOCK,
SERIAL-IN
GND
VDD
GND
VDD
RIN (up)
ENABLE
SERIAL-OUT
GND
VDD
LATCH
GND
VDD
RIN


유사한 부품 번호 - DM135B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DM135B ETC-DM135B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
More results

유사한 설명 - DM135B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com