전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC122 데이터시트(PDF) 4 Page - Silicon Touch Technology Inc.

부품명 FC122
상세설명  Fan Speed Control IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FC122 데이터시트(HTML) 4 Page - Silicon Touch Technology Inc.

  FC122 Datasheet HTML 1Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 2Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 3Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 4Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 5Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 6Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 7Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 8Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fan Speed Control IC
Version
:A.002
PAGE 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FC122
Electrical Characteristics (T
A
= 25
°C, VDD= 12V)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Power Supply
Supply Voltage
VDD
11.4
12
12.6
V
Supply Current
IDD
2
mA
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Analog Input ( FC )
Start Voltage ( ≒½VDD)
VSTR (FC)
6.03
6.1
6.17
V
Hysteresis
VHYST (FC)
50
100
150
mV
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Analog Input ( TS )
Start Voltage ( ≒½VDD)
VSTR (TS)
6.03
6.1
6.17
V
Hysteresis
VHYST (TS)
250
300
350
mV
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Analog Input ( VOT )
Input Voltage ( < VDD – 2.0V )
VVOT
6.0
10.0
V
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Analog Input ( VST )
Resistance to VDD
RDD
126
KΩ
Resistance to VSS
RSS
114
KΩ
Input Voltage ( < VDD – 2.0V )
V ST
1.0
10.0
V
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Analog Output ( OUT )
Start Interval
TSTART
240
300
360
mS
Source Current
IOUT
5
mA
Gain
AOUT
VST = 5.7 V
6
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Open Collector Digital Outputs ( FLT )
Delay Time
TFLT
240
300
360
mS
Output Low Voltage
VOL
IOL = 1 mA
0.4
V


유사한 부품 번호 - FC122

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
FC12 SANYO-FC12 Datasheet
153Kb / 5P
   High-Frequency Amp, AM Applications, Low-Frequency Amp
FC120 SANYO-FC120 Datasheet
174Kb / 6P
   High-Frequency General-Purpose Amp, Differential Amp Applications
logo
RCD COMPONENTS INC.
FC1206-100-FB RCD-FC1206-100-FB Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
FC1206-100-FT RCD-FC1206-100-FT Datasheet
27Kb / 1P
   FUSIBLE CHIP RESISTORS
FC1206-100-GB302 RCD-FC1206-100-GB302 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
More results

유사한 설명 - FC122

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
logo
Sanyo Semicon Device
LB8502M SANYO-LB8502M Datasheet
95Kb / 11P
   Monolithic Digital IC DC Fan Motor Speed Control IC
LB8500M SANYO-LB8500M Datasheet
118Kb / 15P
   Monolithic Digital IC DC Fan Motor Speed Control IC
LB8503V SANYO-LB8503V Datasheet
163Kb / 20P
   Monolithic Digital IC DC Fan Motor Speed Control IC
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
SHENZHEN FUMAN ELECTRON...
SC5104C FUMAN-SC5104C Datasheet
224Kb / 7P
   Infrared fan control IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com