전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1151A 데이터시트(PDF) 2 Page - Silicon Touch Technology Inc.

부품명 ST1151A
상세설명  Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1151A 데이터시트(HTML) 2 Page - Silicon Touch Technology Inc.

  ST1151A Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1151A Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1151A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1151A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1151A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1151A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1151A Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1151A
SP-ST1151A-A.004
Version
:A.004
Page
:1
ST1151A
Low-saturation, Low-voltage
1.5 Channel Bi-directional Motor Driver
General Specifications
The device is a 1.5-channel low-saturation bi-directional motor driver IC. The design is
optimal for motor applications, such as cameras, printers, FDDs, or other portable devices with
forward, reverse, bake and stand-by function.
Features and Benefits
Low voltage operation ( VDD Min = VSMin
= 1.5V )
Low saturation voltage ( Upper transistor + low transistor residual voltage; 0.4V typ. at
300mA , VDD = VS = 3V)
Low input current
Brake function
High output sinking and driving capability
Thin, highly reliable package (SOP-8, MSOP8)
Pin Assignment
Pin NO.
Pin Name
Description
1
VS
Power supply pin for output driver
2
O1
Output sinking / driving pin
3
IN3
Input pin 3 that determines driving mode
4
GND
Ground pin
5
IN1
Input pin 1 that determines driving mode
6
VDD
Power supply pin for controller.
7
IN2
Input pin 2 that determines driving mode
8
O2
Output sinking / driving pin
VDD
IN1
O1
IN3
GND
IN2
O2
VS


유사한 부품 번호 - ST1151A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
More results

유사한 설명 - ST1151A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
   LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
logo
Silicon Touch Technolog...
11-MD111 SITI-11-MD111 Datasheet
261Kb / 7P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
   Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155A SITI-ST1155A Datasheet
282Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com