์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM100HB-2448S-UZ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - AIMTEC

๋ถ€ํ’ˆ๋ช… AM100HB-2448S-UZ
์ƒ์„ธ๋‚ด์šฉ  100 Watt | Half Brick DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AIMTEC [AIMTEC]
ํ™ˆํŽ˜์ด์ง€  http://www.aimtec.ca
Logo 

AM100HB-2448S-UZ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - AIMTEC

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 2 / 4 page
background image
Series AM100HB-UZ
100 Watt | Half Brick DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 054e R3.D
2 of 4
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Total remote sense compensation
0.5
V
Line voltage regulation
ยฑ0.2
% of Vin
Load voltage regulation
ยฑ0.5
%
Temperature coefficient
ยฑ0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
1
% of Vout
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Efficiency
At full load
88-90
%
Soldering Temperature
Wave solder <10s
250
oC
Hand Soldering time
Iron Temperature: 425
oC
5
sec
Operating temperature
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max case temperature
100
oC
Cooling
See derating graph
Humidity
10 to 90
%
Weight
Without heatsink
75
g
Dimensions (L x W x H)
2.28 x 2.40 x 0.50 inches
57.90 x 61.00 x 12.70 mm
MTBF
>1,500,000 hrs (Bellcore TR332, t=+25
oC)
Safety Specifications
Standards
Safety
Meets EN60950
Pin Out Specifications
Dimensions
Pin
Single
1
-V Input
2
Case
3
On/Off Control
4
+V Input
5
+V Output
6
+Sense
7
Trim
8
-Sense
9
-V Output
10
Omitted


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn