전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101AW 데이터시트(PDF) 1 Page - Shanghai Lunsure Electronic Tech

부품명 SD101AW
상세설명  Small signal schottky diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENYI [Shanghai Lunsure Electronic Tech]
홈페이지  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SD101AW 데이터시트(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  SD101AW Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
l For general purpose applications
l The SD101AW to SD101CW series is a Metal-on-silicon
Schottky barrier device which is protected by a PN junction
Guard ring.
l Low Forward Voltage Drop
Mechanical Data
l Case: SOD-123 plastic case
l Terminals: Solderable per MIL-STD-750, Method 2026
l Polarity: Indicated by Cathode Band
Maximum Ratings @ 25OC Unless Otherwise Specified
Characteristic
Symbol SD101AW SD101BW SD101CW
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
60V
50V
40V
DC Blocking Voltage
VR
Maximum sigle cycle surge 10us
square wave
IFSM
Power Dissipation(Note 1)
Pd
Thermal Resistance, Junction to
Ambient
R
Junction Tmperature
Tj
Operation/Storage Temp. Range
TSTG
-55 to +150
O
C
300K/W
400mW
2.0A
125
O
C
Electrical Characteristics @ 25OC Unless Otherwise Specified
Note: 1. Valid provided that electrodes are kept at
ambient temperature
SD101AW
THRU
SD101CW
Small Signal
Schottky Diodes
Charateristic
Symbol
Max
Test Condition
Leakage Current
SD101AW
SD101BW
SD101CW
IR
200nA
200nA
200nA
VR=50V
VR=40V
VR=30V
Maximum Forward
SD101AW
Voltage Drop
SD101BW
SD101CW
SD101AW
SD101BW
SD101CW
VF
0.41V
0.4V
.39V
1V
0.95V
0.9V
IF=1mA
IF=15mA
Junction Cap.
SD101AW
SD101BW
SD101CW
C j
2.0pF
2.1pF
2.2pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
1ns
IF=IR=5mA, recover
to 0.1I R

A
B
E
C
J
D
H
G
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
0.036”
0.093
0.048”
SUGGESTED SOLDER
PAD LAYOUT
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
www.cnelectr.com


유사한 부품 번호 - SD101AW

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SD101AW DIODES-SD101AW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Jiangsu Changjiang Elec...
SD101AW JIANGSU-SD101AW Datasheet
748Kb / 4P
   SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
SD101AW JINANJINGHENG-SD101AW Datasheet
87Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Diodes Incorporated
SD101AW DIODES-SD101AW Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
General Semiconductor
SD101AW GE-SD101AW Datasheet
104Kb / 3P
   Schottky Diodes
More results

유사한 설명 - SD101AW

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com