전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX56 데이터시트(PDF) 1 Page - Weitron Technology

부품명 BCX56
상세설명  NPN Plastic-Encapsulate Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BCX56 데이터시트(HTML) 1 Page - Weitron Technology

  BCX56 Datasheet HTML 1Page - Weitron Technology BCX56 Datasheet HTML 2Page - Weitron Technology BCX56 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
+150
NPN Plastic-Encapsulate Transistor
BCX56=BH , BCX56-10=BK , BCX56-16=BL
Device Marking
http://www.weitron.com.tw
WEITRON
TJ
PD
mW
˚C
500
BCX56
˚C
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89
1/3
15-Feb-06
MAXIMUM RATINGS ( TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Rating
Characteristics
Symbol
Symbol
Value
Min
Max
Unit
Unit
A
V
V
V
IC
VEBO
VCBO
VCEO
1.0
5.0
100
80
µA
µA
V
V
V
IEBO
Emitter Cut-off Current, VEB = 5.0V, IC = 0
0.1
-
ICBO
Collector Cut-off Current, VCB = 30V, IE = 0
0.1
-
V(BR)EBO
Emitter-Base Breakdown Voltage, IE = 10µA, IC = 0
5.0
-
V(BR)CEO
Collector-Emitter Breakdown Voltage, IC = 10mA, IB = 0
80
-
V(BR)CBO
Collector-Base Breakdown Voltage, IC = 100µA, IE = 0
100
-
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Collector Current Continuous
Storage Temperature Range
Junction Temperature Range
Tstg
-55 to +150
Total Device Dissipation TA=25°C
Lead(Pb)-Free
P b


유사한 부품 번호 - BCX56

제조업체부품명데이터시트상세설명
logo
Jinan Jing Heng Electro...
BCX56 JINGHENG-BCX56 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BCX56 PHILIPS-BCX56 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Shenzhen Jin Yu Semicon...
BCX56 HTSEMI-BCX56 Datasheet
495Kb / 2P
   TRANSISTOR (NPN)
logo
Nanjing International G...
BCX56 DGNJDZ-BCX56 Datasheet
588Kb / 3P
   Low Voltage
logo
Nexperia B.V. All right...
BCX56 NEXPERIA-BCX56 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
More results

유사한 설명 - BCX56

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
   NPN Plastic Plastic-Encapsulate Transistor
2SD2114 SECOS-2SD2114_15 Datasheet
413Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142_15 Datasheet
335Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A_15 Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SC2859 SECOS-2SC2859_15 Datasheet
526Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883_15 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215_15 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
   NPN Plastic-Encapsulate Transistor
BC817W SECOS-BC817W_15 Datasheet
240Kb / 2P
   NPN Plastic Encapsulate Transistor
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
   NPN Plastic Encapsulate Transistor
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com