전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFP5N60 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSFP5N60
상세설명  StarMOST Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFP5N60 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSFP5N60 Datasheet HTML 1Page - GOOD-ARK Electronics SSFP5N60 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSFP5N60
StarMOS
T Power MOSFET
Electrical Characteristics @TJ=25
ْC(unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
V
VGS=0V,ID=250
μA
△V(BR)DSS/△TJ Breakdown Voltage Temp.Coefficient
0.6
V/
ْC Reference to 25ْC,ID=250μA
RDS(on)
Static Drain-to-Source On-resistance
2.0
2.5
Ω VGS=10V,ID=2.25A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS=VGS,ID=250
μA
gfs
Forward Transconductance
4.7
S
VDS=40V,ID=2.25A
1
VDS=600V,VGS=0V
IDSS
Drain-to-Source Leakage current
10
μA
VDS=480V,VGS=0V,TJ=150
ْC
Gate-to-Source Forward leakage
100
VGS=30V
IGSS
Gate-to-Source Reverse leakage
-100
nA
VGS=-30V
Qg
Total Gate Charge
15
19
Qgs
Gate-to-Source charge
2.5
Qgd
Gate-to-Drain("Miller") charge
6.6
nC
ID=4.5A
VDS=480V
VGS=10V
td(on)
Turn-on Delay Time
10
30
tr
Rise Time
42
90
td(off)
Turn-Off Delay Time
38
85
tf
Fall Time
46
100
nS
VDD=300V
ID=4.5A
RG=25
LD
Internal Drain Inductance
4.5
LS
Internal Source Inductance
7.5
nH
Between lead,
6mm(0.25in.)
from
package
and center of
die contact
Ciss
Input Capacitance
515
670
Coss
Output Capacitance
55
72
Crss
Reverse Transfer Capacitance
6.5
8.5
pF
VGS=0V
VDS=25V
f
=1.0MHZ
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
.
(Body Diode)
4.5
ISM
Pulsed Source Current
.
(Body Diode)
18
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
1.4
V
TJ=25
ْC,IS=4.5A,VGS=0V ④
trr
Reverse Recovery Time
300
nS
Qrr
Reverse Recovery Charge
2.2
nC
TJ=25
ْC,IF=4.5A
di/dt=100A/
μs ④
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes:
① Repetitive rating;pulse width limited by
③ ISD≤4.5A,di/dt≤200A/μS,VDD≤V(BR)DSS,
max.junction temperature(see figure 11)
TJ≤25
ْ C
L = 18.9mH, IAS =4.5 A, VDD = 50V,
④ Pulse width≤300μS; duty cycle≤2%
RG = 25
∧, Starting TJ = 25°C
2


유사한 부품 번호 - SSFP5N60

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSFP5N65 GOOD-ARK-SSFP5N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
More results

유사한 설명 - SSFP5N60

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSFP5N45 GOOD-ARK-SSFP5N45 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP8N25 GOOD-ARK-SSFP8N25 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP1N65 GOOD-ARK-SSFP1N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP7N65 GOOD-ARK-SSFP7N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP8N80 GOOD-ARK-SSFP8N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP2N70 GOOD-ARK-SSFP2N70 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP3N50 GOOD-ARK-SSFP3N50 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP5N80 GOOD-ARK-SSFP5N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP6N90 GOOD-ARK-SSFP6N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP18N20 GOOD-ARK-SSFP18N20 Datasheet
202Kb / 2P
   StarMOST Power MOSFET
SSFP4N90 GOOD-ARK-SSFP4N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com