전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFP13N50 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 SSFP13N50
상세설명  StarMOST Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFP13N50 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  SSFP13N50 Datasheet HTML 1Page - GOOD-ARK Electronics SSFP13N50 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSFP13N50
StarMOS
T Power MOSFET
Extremely high dv/dt capability
Low Gate Charge Qg results in
Simple Drive Requirement
100% avalanche tested
Gate charge minimized
Very low intrinsic capacitances
Very good manufacturing repeatability
Description
StarMOS is a new generation of high voltage
N–Channel enhancement mode power MOSFETs.
This new technology minimises the JFET effect,
increases packing density and reduces the
on-resistance. StarMOS also achieves faster
switching speeds through optimised gate layout
with planar stripe DMOS technology.
Application
Switching application
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25
ْ C
Continuous Drain Current,VGS@10V
14
ID@Tc=100
ْC Continuous Drain Current,VGS@10V
9.1
IDM
Pulsed Drain Current
56
A
PD@TC=25
ْC
Power Dissipation
250
W
Linear Derating Factor
2.0
W/
ْC
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
560
mJ
IAR
Avalanche Current
14
A
EAR
Repetitive Avalanche Energy
25
mJ
dv/dt
Peak Diode Recovery dv/dt
9.2
V/ns
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +150
Soldering Temperature, for 10 seconds
300(1.6mm from case)
ْC
Mounting Torque,6-32 or M3 screw
10 Ibfin(1.1Nm)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
0.50
RθCS
Case-to-Sink,Flat,Greased Surface
0.50
RθJA
Junction-to-Ambient
62
ْC/W
Pin1–Gate
Pin2–Drain
Pin1–Source
VDSS = 500V
ID25 = 14A
RDS(ON) = 0.45Ω
1


유사한 부품 번호 - SSFP13N50

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSFP10N10 GOOD-ARK-SSFP10N10 Datasheet
203Kb / 2P
   StarMOST Power MOSFET
SSFP10N40 GOOD-ARK-SSFP10N40 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP10N60 GOOD-ARK-SSFP10N60 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP10N65 GOOD-ARK-SSFP10N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP11N40 GOOD-ARK-SSFP11N40 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
More results

유사한 설명 - SSFP13N50

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSFP5N45 GOOD-ARK-SSFP5N45 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP8N25 GOOD-ARK-SSFP8N25 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP1N65 GOOD-ARK-SSFP1N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP7N65 GOOD-ARK-SSFP7N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP8N80 GOOD-ARK-SSFP8N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP2N70 GOOD-ARK-SSFP2N70 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP3N50 GOOD-ARK-SSFP3N50 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP5N80 GOOD-ARK-SSFP5N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP6N90 GOOD-ARK-SSFP6N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP18N20 GOOD-ARK-SSFP18N20 Datasheet
202Kb / 2P
   StarMOST Power MOSFET
SSFP4N90 GOOD-ARK-SSFP4N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com