전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-4516CA726PF-A80 데이터시트(PDF) 8 Page - Elpida Memory

부품명 MC-4516CA726PF-A80
상세설명  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CA726PF-A80 데이터시트(HTML) 8 Page - Elpida Memory

Back Button MC-4516CA726PF-A80 Datasheet HTML 4Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 5Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 6Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 7Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 8Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 9Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 10Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 11Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet E0057N10
8
MC-4516CA726
Synchronous Characteristics
Parameter
Symbol
-A 80
-A 10
Unit
Note
MIN.
MAX.
MIN.
MAX.
Clock cycle time
/CAS latency = 3
tCK3
8
(125 MHz)
10
(100 MHz)
ns
/CAS latency = 2
tCK2
10
(100 MHz)
13
(77 MHz)
ns
Access time from CLK
/CAS latency = 3
tAC3
6
6
ns
1
/CAS latency = 2
tAC2
6
7
ns
1
CLK high level width
tCH
3
3
ns
CLK low level width
tCL
3
3
ns
Data-out hold time
tOH
3
3
ns
1
Data-out low-impedance time
tLZ
0
0
ns
Data-out high-impedance time
/CAS latency = 3
tHZ3
3
6
3
6
ns
/CAS latency = 2
tHZ2
3
6
3
7
ns
Data-in setup time
tDS
2
2
ns
Data-in hold time
tDH
1
1
ns
Address setup time
tAS
2
2
ns
Address hold time
tAH
1
1
ns
CKE setup time
tCKS
2
2
ns
CKE hold time
tCKH
1
1
ns
CKE setup time (Power down exit)
tCKSP
2
2
ns
Command (/CS0, /CS2, /RAS, /CAS, /WE,
DQMB0 - DQMB7) setup time
tCMS
2
2
ns
Command (/CS0, /CS2, /RAS, /CAS, /WE,
DQMB0 - DQMB7) hold time
tCMH
1
1
ns
Note 1. Output load
Output
Z = 50
50 pF
Remark These specifications are applied to the monolithic device.


유사한 부품 번호 - MC-4516CA726PF-A80

제조업체부품명데이터시트상세설명
logo
NEC
MC-4516CA726PF-A80 NEC-MC-4516CA726PF-A80 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

유사한 설명 - MC-4516CA726PF-A80

제조업체부품명데이터시트상세설명
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com