전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA208X-1000C 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 BTA208X-1000C
상세설명  High commutation three-quadrant triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208X-1000C 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button BTA208X-1000C Datasheet HTML 3Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 4Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 5Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 6Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 7Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 8Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 9Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 10Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA208X-1000C_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 September 2009
7 of 12
NXP Semiconductors
BTA208X-1000C
High commutation three-quadrant triacs
Fig 7.
Normalized gate trigger current as a function of
junction temperature
Fig 8.
Normalized latching current as a function of
junction temperature
Fig 9.
Normalized holding current as a function of
junction temperature
Fig 10. On-state current as a function of on-state
voltage
Tj (°C)
−50
150
100
050
003aac888
1
2
3
0
(1)
(2)
(3)
IGT
IGT(25°C)
Tj (°C)
−50
150
100
050
001aab100
1
2
3
0
IL
IL(25°C)
Tj (°C)
−50
150
100
050
001aab099
1
2
3
0
IH
IH(25°C)
003aaa971
VT (V)
03
2
1
10
15
5
20
25
IT
(A)
0
(1)
(2)
(3)


유사한 부품 번호 - BTA208X-1000C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA208X-1000C PHILIPS-BTA208X-1000C Datasheet
74Kb / 12P
   Three quadrant triacs high commutation
Rev. 01-4 October 2005
logo
WeEn Semiconductors
BTA208X-1000C WEEN-BTA208X-1000C Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
logo
WeEn Semiconductors
BTA208X-1000C0 WEEN-BTA208X-1000C0 Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA208X-1000C0 ISC-BTA208X-1000C0 Datasheet
224Kb / 2P
   isc Triacs
More results

유사한 설명 - BTA208X-1000C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com