전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BR10005SG 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 BR10005SG
부품 상세설명  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BR10005SG 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  BR10005SG Datasheet HTML 1Page - GOOD-ARK Electronics BR10005SG Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -200 amperes peak
Low forward voltage drop
Small size; simple installation
Sliver plated copper leads
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
BR
BR
BR
BR
BR
BR
BR
10005SG 1001SG 1002SG 1004SG 1006SG 1008SG 1010SG
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average
Tc=50℃
Forward Rectified
TA=100℃ (Note1)
Output Current at
TA=50℃ (Note2)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Bridge Element at 5.0A Peak
Maximum Reverse Current at Rated TA=25℃
μA
DC Blocking Voltage Per Element
TA=100℃
mA
Operating Temperature Rang
TJ
Storage Temperature Rang
TSTG
V
1.1
200
Notes:1.Unit mounted on metal chassis
-55 to +150
IFSM
~
~
BR10SG SERIES
A
IR
10.0
1.0
-55 to +150
VF
2. Unit mounted on P.C. board
A
10.0
6.0
I(AV)
6.0
REVERSE VOLTAGE
-
50 to 1000Volts
FORWARD CURRENT
-
10.0 Amperes
Dimensions in inches and (milimeters)
GLASS PASSIVATED
BRIDGE RECTIFIERS
CHARACTERISTICS
SYMBOL
UNIT
Polarity shown on side of case, Positive lead by beveled corner.
For capacitive load, derate current by 20%
Single phase, half wave ,60Hz, resistive or inductive load.
Rating at 25℃ ambient temperature unless otherwise specified.
BR8
DIA.
.770(19.6)
.730(18.5)
.730(18.5)
.770(19.6)
.480(12.2)
.520(13.2)
.520(13.2)
.480(12.2)
HOLE FOR
NO.6 SCREW
.048(1.2)
.052(1.3)
.255(6.5)
.296(7.5)
.750
(19.0)
MIN


유사한 부품 번호 - BR10005SG

제조업체부품명데이터시트부품 상세설명
HY ELECTRONIC CORP.
HY ELECTRONIC CORP.
BR10005SG HY-BR10005SG Datasheet
343Kb / 3P
   Glass Passivated Bridge Rectifiers
Comchip Technology
Comchip Technology
BR10005SG-G COMCHIP-BR10005SG-G Datasheet
77Kb / 3P
   Glass Passivated Bridge Rectifiers
HY ELECTRONIC CORP.
HY ELECTRONIC CORP.
BR10005SG HY-BR10005SG_V01 Datasheet
343Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

유사한 설명 - BR10005SG

제조업체부품명데이터시트부품 상세설명
HY ELECTRONIC CORP.
HY ELECTRONIC CORP.
GBP2005 HY-GBP2005 Datasheet
43Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
GBU4005 HY-GBU4005 Datasheet
39Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
Fairchild Semiconductor
Fairchild Semiconductor
W005G FAIRCHILD-W005G_01 Datasheet
46Kb / 3P
   Bridge Rectifiers (Glass Passivated)
GOOD-ARK Electronics
GOOD-ARK Electronics
GBPC-W15005 GOOD-ARK-GBPC-W15005 Datasheet
89Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
MP6005G GOOD-ARK-MP6005G Datasheet
91Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
MP10005G GOOD-ARK-MP10005G Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
HY ELECTRONIC CORP.
HY ELECTRONIC CORP.
KBU35005G HY-KBU35005G Datasheet
88Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
MB05M HY-MB05M Datasheet
96Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
TBL005G HY-TBL005G Datasheet
98Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
TBU6005G HY-TBU6005G Datasheet
90Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com