전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA5940B 데이터시트(PDF) 2 Page - Weitron Technology

부품명 SMA5940B
상세설명  Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SMA5940B 데이터시트(HTML) 2 Page - Weitron Technology

  SMA5940B Datasheet HTML 1Page - Weitron Technology SMA5940B Datasheet HTML 2Page - Weitron Technology SMA5940B Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
http: // www.weitron.com.tw
2/3
23-Oct-06
SMA5921B series
Maximum Ratings (TA=25 C Unless Otherwise Noted)
Characteristics
Symbol
Unit
°C
°C
PD
TSTG
Value
1.5
150
W
Tj
Surge
Part No.
Vz
IzT
ZZT
ZZK
IZK
Current
( V )
( mA )
(Ω)
(Ω)
( mA )
(V)
( mA )
SMA5921B
6.8
55.1
2.5
200
1.0
2.5
5.2
221
SMA5922B
7.5
50.0
3.0
400
0.5
2.5
6.0
200
SMA5923B
8.2
45.7
3.5
400
0.5
2.5
6.5
183
SMA5924B
9.1
41.2
4.0
500
0.5
2.5
7.0
165
SMA5925B
10
37.5
4.5
500
0.25
2.5
8.0
150
SMA5926B
11
34.1
5.5
550
0.25
2.5
8.4
136
SMA5927B
12
31.2
6.5
550
0.25
0.5
9.1
125
SMA5928B
13
28.8
7.0
550
0.25
0.5
9.9
115
SMA5929B
15
25.0
9.0
600
0.25
0.5
11.4
100
SMA5930B
16
23.4
10
600
0.25
0.5
12.2
94
SMA5931B
18
20.8
12
650
0.25
0.5
13.7
83
SMA5932B
20
18.7
14
650
0.25
0.5
15.2
75
SMA5933B
22
17.0
17.5
650
0.25
0.5
16.7
68
SMA5934B
24
15.6
19
700
0.25
0.5
18.2
63
SMA5935B
27
13.9
23
700
0.25
0.5
20.6
56
SMA5936B
30
12.5
26
750
0.25
0.5
22.8
50
SMA5937B
33
11.4
33
800
0.25
0.5
25.1
45
SMA5938B
36
10.4
38
850
0.25
0.5
27.4
42
SMA5939B
39
9.6
45
900
0.25
0.5
29.7
38
SMA5940B
43
8.7
53
950
0.25
0.5
32.7
35
SMA5941B
47
8.0
67
1000
0.25
0.5
35.8
32
SMA5942B
51
7.3
70
1100
0.25
0.5
38.8
29
SMA5943B
56
6.7
86
1300
0.25
0.5
42.6
27
SMA5944B
62
6.0
100
1500
0.25
0.5
47.1
24
SMA5945B
68
5.5
120
1700
0.25
0.5
51.7
22
Electrical Characteristic (Ta=25°C)
IR @ VR
Suffix B for 5%
(μA)
NOTES :
Power Dissipation2
10
A
Half sine-wave superimposed on rated load1
(JEDEC method)
IFSM
(1) Measurd on 8.3ms, single half-sine wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
(2) Mounted on 5.0mm2(.013mm thick) land areas.
Maximun junction Temperature
Storage Temperature Range
-55 to +150


유사한 부품 번호 - SMA5940B

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMA5940B SECOS-SMA5940B Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMA5940B PACELEADER-SMA5940B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
Formosa MS
SMA5940B FORMOSA-SMA5940B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
SeCoS Halbleitertechnol...
SMA5940B SECOS-SMA5940B Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Yangzhou yangjie electr...
SMA5940B YANGJIE-SMA5940B Datasheet
403Kb / 4P
   Thyristor Surge Suppressors
More results

유사한 설명 - SMA5940B

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com