전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK433-060-E 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 STK433-060-E
상세설명  Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-060-E 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button STK433-060-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-060-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-060-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-060-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-060-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-060-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-060-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-060-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-060-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK433-060-E
No. A1487-6/11
Pin Assignments
[STK433-000/-100/-200Sr & STK415/416-100Sr Pin Layout]
1
2345
678
9
10
11
12
13
14
15
2-channel class-AB
2-channel class AB/2.00mm
STK433-030-E 30W/JEITA
STK433-040-E 40W/JEITA
STK433-060-E 50W/JEITA
STK433-070-E 60W/JEITA
STK433-090-E 80W/JEITA
STK433-100-E 100W/JEITA
STK433-120-E 120W/JEITA
STK433-130-E 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
1
2345
678
9
10
11
12
13
14
15
16
17
18
19
3-channel class-AB
3-channel class AB/2.00mm
STK433-230A-E 30W/JEITA
STK433-240A-E 40W/JEITA
STK433-260A-E 50W/JEITA
STK433-270-E 60W/JEITA
STK433-290-E 80W/JEITA
STK433-300-E 100W/JEITA
STK433-320-E 120W/JEITA
STK433-330-E 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
I
N
/
C
H
3
N
F
/
C
H
3
O
U
T
/
C
H
3
+
O
U
T
/
C
H
3
-
1
2
3
4
5
6789
10
11
12
13
14
15
16
17
18
19
2-channel class-H
2-channel class H/2.00mm
STK415-090-E 80W/JEITA
STK415-100-E 90W/JEITA
STK415-120-E 120W/JEITA
STK415-130-E 150W/JEITA
STK415-140-E 180W/JEITA
+
V
L
-
V
L
+
O
F
F
S
E
T
-
O
F
F
S
E
T
-
P
R
E
-
V
H
+
V
H
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
1
2
3
4
5
6789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
3-channel class-H
3-channel class H/2.00mm
STK416-090-E 80W/JEITA
STK416-100-E 90W/JEITA
STK416-120-E 120W/JEITA
STK416-130-E 150W/JEITA
+
V
L
-
V
L
+
O
F
F
S
E
T
-
O
F
F
S
E
T
-
P
R
E
-
V
H
+
V
H
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
I
N
/
C
H
3
N
F
/
C
H
3
O
U
T
/
C
H
3
+
O
U
T
/
C
H
3
-


유사한 부품 번호 - STK433-060-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-060N-E SANYO-STK433-060N-E Datasheet
279Kb / 11P
   2channel class-AB Audio Power IC 50W50W
logo
ON Semiconductor
STK433-060N-E ONSEMI-STK433-060N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
More results

유사한 설명 - STK433-060-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
STK433-060N-E SANYO-STK433-060N-E Datasheet
279Kb / 11P
   2channel class-AB Audio Power IC 50W50W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK415-090-E SANYO-STK415-090-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 50W50W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com