전자부품 데이터시트 검색엔진 |
|
STK672-442A-E 데이터시트(PDF) 2 Page - Sanyo Semicon Device |
|
STK672-442A-E 데이터시트(HTML) 2 Page - Sanyo Semicon Device |
2 / 21 page STK672-442A-E No.A1587-2/21 Specifications Absolute Maximum Ratings at Tc = 25 °C Parameter Symbol Conditions Ratings unit Maximum supply voltage 1 VCC max No signal 52 V Maximum supply voltage 2 VDD max No signal -0.3 to +6.0 V Input voltage VIN max Logic input pins -0.3 to +6.0 V Output current 1 IOP max 10 μs, 1 pulse (resistance load) 20 A Output current 2 IOH max VDD=5V, CLOCK≥200Hz 3.5 A Allowable power dissipation 1 PdMF max With an arbitrarily large heat sink. Per MOSFET 8.3 W Allowable power dissipation 2 PdPK max No heat sink 2.8 W Operating substrate temperature Tc max 105 °C Junction temperature Tj max 150 °C Storage temperature Tstg -40 to +125 °C Allowable Operating Ranges at Ta=25 °C Parameter Symbol Conditions Ratings unit Operating supply voltage 1 VCC With signals applied 10 to 42 V Operating supply voltage 2 VDD With signals applied 5 ±5% V Input high voltage VIH Pins 10, 11, 12, 13, 14, 15, 17 2.5 to VDD V Input low voltage VIL Pins 10, 11, 12, 13, 14, 15, 17 0 to 0.8 V Output current IOH Tc=105 °C, CLOCK≥200Hz 3.0 A CLOCK frequency fCL Minimum pulse width: at least 10 μs 0 to 50 kHz Phase driver withstand voltage VDSS ID=1mA (Tc=25°C) 100min V Recommended operating substrate temperature Tc No condensation 0 to 105 °C Recommended Vref range Vref Tc=105 °C 0.2 to 1.8 V Electrical Characteristics at Tc=25 °C, VCC=24V, VDD=5.0V *1 Parameter Symbol Conditions min typ max unit VDD supply current ICCO VDD=5.0V, ENABLE=Low 5.7 7.0 mA Output average current *2 Ioave R/L=1 Ω/0.62mH in each phase 0.27 0.32 0.37 A FET diode forward voltage Vdf If=1A (RL=23Ω) 1 1.6 V Output saturation voltage Vsat RL=23Ω 0.25 0.38 V VIH Pins 10, 11, 12, 13, 14, 15, 17 2.5 VDD V Input voltage VIL Pins 10, 11, 12, 13, 14, 15, 17 -0.3 0.8 V 5V level input current IILH Pins 10, 11, 12, 13, 14, 15, 17=5V 50 75 μA Control input pin GND level input current IILL Pins 10, 11, 12, 13, 14, 15, 17=GND 10 μA Vref input bias current IIB Pin 19 =1.0V 10 15 μA Output low voltage VOLF Pin 16 (IO=5mA) 0.25 0.5 V FAULT1 pin 5V level leakage current IILF Pin 16 =5V 10 μA Overcurrent detection output voltage VOF2 2.4 2.5 2.6 FAULT2 pin Overheat detection output voltage VOF3 Pin 8 (when all protection functions have been activated) 3.1 3.3 3.5 V Overheat detection temperature TSD Design guarantee 144 °C PWM frequency fc 41 48 55 kHz Notes *1: A fixed-voltage power supply must be used. *2: The value for Ioave assumes that the lead frame of the product is soldered to the mounting circuit board. Continued on next page. |
유사한 부품 번호 - STK672-442A-E |
|
유사한 설명 - STK672-442A-E |