전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8001FFE 데이터시트(PDF) 7 Page - Sanken electric

부품명 SI-8001FFE
상세설명  DC-to-DC Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8001FFE 데이터시트(HTML) 7 Page - Sanken electric

  SI-8001FFE Datasheet HTML 1Page - Sanken electric SI-8001FFE Datasheet HTML 2Page - Sanken electric SI-8001FFE Datasheet HTML 3Page - Sanken electric SI-8001FFE Datasheet HTML 4Page - Sanken electric SI-8001FFE Datasheet HTML 5Page - Sanken electric SI-8001FFE Datasheet HTML 6Page - Sanken electric SI-8001FFE Datasheet HTML 7Page - Sanken electric SI-8001FFE Datasheet HTML 8Page - Sanken electric SI-8001FFE Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
SANKEN ELECTRIC CO., LTD.
DC-to-DC Step-Down Converter
SI-8001FFE
27469.057
2.54 ±0.2
0.7
2.76 ±0.2
7
10.16 ± 0.2
4.7±0.2
3.2
±
0. 2
0.6
+0.1
-0.05
0.8
4.3 ±0.7
8.2 ±0.7
4 x 1.7±0.6 = (6.8)
0.5
+0.2
-0.1
(4-R1)
R-end
Branding
XXXXXXXX
XXXXXXXX
XXXXXXXX
XXXXXXXX
Leadform: 1113A
Weight: 2.3 g typical
Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion):
1st line,
type: 8001FFE
2nd line, lot:
SK YMW
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
W is the week of the month (1 to 5)
3rd line,
tracking number: nnnn
PACKAGE OUTLINE DRAWING
RoHS directive compliant
Device pins lead (Pb) free
Leadframe: 1113A


유사한 부품 번호 - SI-8001FFE

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
More results

유사한 설명 - SI-8001FFE

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
   DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
   Step-Down DC to DC Converter
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com