전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6642 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD6642
상세설명  Dual IF Receiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6642 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD6642 Datasheet HTML 7Page - Analog Devices AD6642 Datasheet HTML 8Page - Analog Devices AD6642 Datasheet HTML 9Page - Analog Devices AD6642 Datasheet HTML 10Page - Analog Devices AD6642 Datasheet HTML 11Page - Analog Devices AD6642 Datasheet HTML 12Page - Analog Devices AD6642 Datasheet HTML 13Page - Analog Devices AD6642 Datasheet HTML 14Page - Analog Devices AD6642 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD6642
Rev. 0 | Page 11 of 32
Pin No.
Mnemonic
Type
Description
K8
D2+AB
Output
Channel A and Channel B LVDS Output Data 2—True
J8
D2−AB
Output
Channel A and Channel B LVDS Output Data 2—Complement
M8
D3+AB
Output
Channel A and Channel B LVDS Output Data 3—True
L8
D3−AB
Output
Channel A and Channel B LVDS Output Data 3—Complement
K9
D4+AB
Output
Channel A and Channel B LVDS Output Data 4—True
J9
D4−AB
Output
Channel A and Channel B LVDS Output Data 4—Complement
M9
D5+AB
Output
Channel A and Channel B LVDS Output Data 5—True
L9
D5−AB
Output
Channel A and Channel B LVDS Output Data 5—Complement
K10
D6+AB
Output
Channel A and Channel B LVDS Output Data 6—True
J10
D6−AB
Output
Channel A and Channel B LVDS Output Data 6—Complement
M10
D7+AB
Output
Channel A and Channel B LVDS Output Data 7—True
L10
D7−AB
Output
Channel A and Channel B LVDS Output Data 7—Complement
K11
D8+AB
Output
Channel A and Channel B LVDS Output Data 8—True
J11
D8−AB
Output
Channel A and Channel B LVDS Output Data 8—Complement
M11
D9+AB
Output
Channel A and Channel B LVDS Output Data 9—True
L11
D9−AB
Output
Channel A and Channel B LVDS Output Data 9—Complement
K12
D10+AB
Output
Channel A and Channel B LVDS Output Data 10—True
J12
D10−AB
Output
Channel A and Channel B LVDS Output Data 10—Complement
M12
DCO+AB
Output
Data Clock LVDS Output for Channel A and Channel B—True
L12
DCO−AB
Output
Data Clock LVDS Output for Channel A and Channel B—Complement
C9
MODE
Input
Mode Select Pin (Logic Low Enables NSR; Logic High Disables NSR)
C8
SYNC
Input
Digital Synchronization Pin
C7
PDWN
Input
Power-Down Input (Active High)
C6
SCLK
Input
SPI Clock
C5
SDIO
Input/Output
SPI Data
C4
CSB
Input
SPI Chip Select (Active Low)


유사한 부품 번호 - AD6642

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6642BBCZ AD-AD6642BBCZ Datasheet
1Mb / 33P
   Dual IF Receiver
AD6642BBCZRL AD-AD6642BBCZRL Datasheet
1Mb / 33P
   Dual IF Receiver
AD6642EBZ AD-AD6642EBZ Datasheet
1Mb / 33P
   Dual IF Receiver
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
More results

유사한 설명 - AD6642

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
logo
Texas Instruments
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
logo
Analog Devices
AD6673 AD-AD6673 Datasheet
1Mb / 45P
   80 MHz Bandwidth, Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com