전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8432ACPZ-RL 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8432ACPZ-RL
상세설명  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-RL 데이터시트(HTML) 3 Page - Analog Devices

  AD8432ACPZ-RL Datasheet HTML 1Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 2Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 3Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 4Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 5Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 6Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD8432
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25°C, RS = RIN = 50 Ω, RFB =150 Ω, CSH = 47 pF, RSH = 15 Ω, RL = 500 Ω (per SE output), CL = 5 pF (per SE output),
G = 12.04 dB (single-ended input to differential output), f = 1 MHz, unless otherwise specified.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Gain Range
Input to differential output (selectable gain)
12.04
24.08
dB
Input to single output (selectable gain)
6.02
18.06
dB
Gain Error
0.1
1
dB
−3 dB Small Signal Bandwidth
RIN unterminated, RFB = ∞, CSH = 0 pF, RSH = 0 Ω
G = 12.04 dB
200
MHz
G = 18.06 dB
90
MHz
G = 21.58 dB
50
MHz
G = 24.08 dB
32
MHz
−3 dB Large Signal Bandwidth
VOUT = 2 V p-p
42
MHz
Slew Rate (Rising Edge)
VOUT = 2 V p-p, f = 10 MHz
295
V/μs
Slew Rate (Falling Edge)
VOUT = 2 V p-p, f = 10 MHz
170
V/μs
Overdrive Recovery Time
10
ns
DISTORTION/NOISE PERFORMANCE
Input Voltage Noise
RFB = ∞
0.85
nV/√Hz
Input Current Noise
RFB = ∞
2.0
pA/√Hz
Noise Figure
Unterminated
RS = 50 Ω, RFB = ∞
2.8
dB
Active Termination
RS = RIN = 50 Ω, RFB = 150 Ω
4.8
dB
RS = 50 Ω, RFB = 226 Ω, RIN = 75 Ω
4.2
dB
RS = 50 Ω, RFB = 301 Ω, RIN = 100 Ω
3.2
dB
RS = 50 Ω, RFB = 619 Ω, RIN = 200 Ω
2.1
dB
RS = 50 Ω, RFB = 3.57 kΩ, RIN = 1 kΩ
2.3
dB
Output Referred Noise
G = 12.04 dB, RFB = ∞
3.4
nV/√Hz
G = 18.06 dB, RFB = ∞
6.8
nV/√Hz
G = 21.58 dB, RFB = ∞
10.2
nV/√Hz
G = 24.08 dB, RFB = ∞
13.6
nV/√Hz
Harmonic Distortion
1 MHz (VOUT = 1 V p-p)
HD2
−67
dBc
HD2, RS = 50 Ω, RIN unterminated
−74
dBc
HD3
−103
dBc
HD3, RS = 50 Ω, RIN unterminated
−106
dBc
1 MHz (VOUT = 2 V p-p)
HD2
−65
dBc
HD2, RS = 50 Ω, RIN unterminated
−72
dBc
HD3
−103
dBc
HD3, RS = 50 Ω, RIN unterminated
−92
dBc
10 MHz (VOUT = 1 V p-p)
HD2
−66
dBc
HD2, RS = 50 Ω, RIN unterminated
−62
dBc
HD3
−78
dBc
HD3, RS = 50 Ω, RIN unterminated
−73
dBc
10 MHz (VOUT = 2 V p-p)
HD2
−60
dBc
HD2, RS = 50 Ω, RIN unterminated
−56
dBc
HD3
−72
dBc
HD3, RS = 50 Ω, RIN unterminated
−65
dBc


유사한 부품 번호 - AD8432ACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8432ACPZ-RL AD-AD8432ACPZ-RL Datasheet
877Kb / 32P
   Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
More results

유사한 설명 - AD8432ACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8432 AD-AD8432_17 Datasheet
877Kb / 32P
   Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
AD604 AD-AD604 Datasheet
497Kb / 20P
   Dual, Ultralow Noise Variable Gain Amplifier
REV. 0
AD604 AD-AD604_15 Datasheet
930Kb / 33P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
AD604 AD-AD604_08 Datasheet
892Kb / 32P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
logo
Texas Instruments
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
VCA8500_0803 TI-VCA8500_0803 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
OPA857 TI-OPA857_15 Datasheet
1Mb / 30P
[Old version datasheet]   OPA857 Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
   Sense current amplifier with selectable gain
2003 Nov 10
logo
Maxim Integrated Produc...
MAX2034 MAXIM-MAX2034 Datasheet
345Kb / 13P
   Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com