전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8432ACPZ-RL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8432ACPZ-RL
상세설명  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-RL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8432ACPZ-RL Datasheet HTML 4Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 5Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 6Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 9Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 10Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 11Page - Analog Devices AD8432ACPZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8432
Rev. 0 | Page 8 of 28
–24
–12
–6
–18
0
12
30
24
18
6
1
10
100
1k
FREQUENCY (MHz)
G = 24.08dB
G = 21.58dB
G = 18.06dB
G = 12.04dB
Figure 9. Differential Gain vs. Frequency, VOUT = 2 V p-p , RIN = 50Ω
45
46
47
48
49
51
52
53
54
50
55
0.1
1
10
FREQUENCY (MHz)
G = 24.08dB
G = 21.58dB
G = 18.06dB
G = 12.04dB
Figure 10. Input Impedance RIN vs. Frequency, 50 Ω Active Termination
85
90
95
100
105
110
115
0.1
1
10
FREQUENCY (MHz)
G = 24.08dB
G = 21.58dB
G = 18.06dB
G = 12.04dB
Figure 11. Input Impedance RIN vs. Frequency, 100 Ω Active Termination
0.1
1
10
FREQUENCY (MHz)
160
170
180
190
200
210
220
230
240
G = 24.08dB
G = 21.58dB
G = 18.06dB
G = 12.04dB
Figure 12. Input Impedance RIN vs. Frequency, 200 Ω Active Termination
0.1
1
10
FREQUENCY (MHz)
0.1
1
10
G = 24.08dB
G = 21.58dB
G = 18.06dB
G = 12.04dB
Figure 13. Input Impedance RIN vs. Frequency, Unterminated
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
1
10
100
FREQUENCY (MHz)
Figure 14. Output Impedance vs. Frequency


유사한 부품 번호 - AD8432ACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8432ACPZ-RL AD-AD8432ACPZ-RL Datasheet
877Kb / 32P
   Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
More results

유사한 설명 - AD8432ACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8432 AD-AD8432_17 Datasheet
877Kb / 32P
   Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
AD604 AD-AD604 Datasheet
497Kb / 20P
   Dual, Ultralow Noise Variable Gain Amplifier
REV. 0
AD604 AD-AD604_15 Datasheet
930Kb / 33P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
AD604 AD-AD604_08 Datasheet
892Kb / 32P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
logo
Texas Instruments
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
VCA8500_0803 TI-VCA8500_0803 Datasheet
992Kb / 40P
[Old version datasheet]   8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
OPA857 TI-OPA857_15 Datasheet
1Mb / 30P
[Old version datasheet]   OPA857 Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
   Sense current amplifier with selectable gain
2003 Nov 10
logo
Maxim Integrated Produc...
MAX2034 MAXIM-MAX2034 Datasheet
345Kb / 13P
   Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com