전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF5001BCPZ-RL7 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADF5001BCPZ-RL7
상세설명  4 GHz to 18 GHz Divide-by-4 Prescaler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF5001BCPZ-RL7 데이터시트(HTML) 3 Page - Analog Devices

  ADF5001BCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF5001BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADF5001
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD1 = VDD2 = 3.3 V ± 10%, GND = 0 V; dBm referred to 50 Ω; TA = TMIN to TMAX, unless otherwise noted. Operating temperature
range for the B version is −40°C to +105°C.
Table 1.
Parameter
B Version1
Unit
Test Conditions/Comments
Min
Typ
Max
RF CHARACTERISTICS
Maximum Input Frequency
18
GHz
Minimum Input Frequency
4
GHz
RF Input Sensitivity
−10
+10
dBm
4 GHz to 18 GHz.
Output Power
−15
−11
dBm
Single-ended output connected into 50 Ω load.
−12
−8
dBm
Differential outputs connected into 50 Ω load.
−5
dBm
Differential outputs connected into 100 Ω load.
Phase Noise
−150
dBc/Hz
Input frequency (F
IN) = 12 GHz, offset = 100 kHz.
Reverse Leakage
−60
dBm
RF input power (P
IN) = 0 dBm, RFOUT = 4 GHz.
Second Harmonic Content
−38
dBc
Third Harmonic Content
−12
dBc
Fourth Harmonic Content
−20
dBc
Fifth Harmonic Content
−19
dBc
CE INPUT
V
IH, Input High Voltage
2.2
V
V
IL, Input Low Voltage
0.3
V
POWER SUPPLIES
Voltage Supply
3.0
3.3
3.6
V
IDD (IDD1 + IDD2)
Active
26
42
mA
CE is high.
Power-Down
7
12.5
mA
CE is low.
1 Operating temperature range for the B version is −40°C to +105°C.


유사한 부품 번호 - ADF5001BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
More results

유사한 설명 - ADF5001BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
NEC
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
   9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
UPG501 NEC-UPG501 Datasheet
41Kb / 2P
   5 GHz DIVIDE-BY-4 STATIC PRESCALER
logo
United Monolithic Semic...
CND2050 UMS-CND2050 Datasheet
83Kb / 9P
   0.5-11.5 GHz Divide by 4 Static Prescaler
logo
Agilent(Hewlett-Packard...
HMMC-3104 HP-HMMC-3104 Datasheet
796Kb / 8P
   DC-16 GHz Packaged Divide-by-4 Prescaler
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
   1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com