전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1043A 데이터시트(PDF) 43 Page - Analog Devices

부품명 ADP1043A
상세설명  Digital Controller for Isolated Power Supply Applications
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1043A 데이터시트(HTML) 43 Page - Analog Devices

Back Button ADP1043A Datasheet HTML 39Page - Analog Devices ADP1043A Datasheet HTML 40Page - Analog Devices ADP1043A Datasheet HTML 41Page - Analog Devices ADP1043A Datasheet HTML 42Page - Analog Devices ADP1043A Datasheet HTML 43Page - Analog Devices ADP1043A Datasheet HTML 44Page - Analog Devices ADP1043A Datasheet HTML 45Page - Analog Devices ADP1043A Datasheet HTML 46Page - Analog Devices ADP1043A Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
ADP1043A
Rev. 0 | Page 43 of 72
Table 36. Register 0x28—Volt-Second Balance Gain Setting
Bits
Name
R/W
Description
[7:2]
Reserved
R/W
Reserved.
[1:0]
VS balance gain
setting
R/W
These bits set the gain of the volt-second balance circuit. The gain can be changed by a factor of
64. When these bits are set to 00, it takes approximately 700 ms to achieve volt-second balance.
When these bits are set to 11, it takes approximately 10 ms to achieve volt-second balance.
Bit 1
Bit 0
Volt-Second Balance Gain
0
0
1
0
1
4
1
0
16
1
1
64
Table 37. Register 0x29—Share Bus Bandwidth
Bits
Name
R/W
Description
[7:5]
Reserved
R/W
Reserved.
4
Bit stream
R/W
1 = the current sense ADC reading is output on the SHAREo pin. This bit stream can be used for
analog current sharing.
0 = the digital share bus signal is output on the SHAREo pin. This signal can be used for digital
current sharing.
3
Current share select
R/W
1 = CS1 reading used for current share.
0 = CS2 reading used for current share.
[2:0]
Share bus bandwidth
R/W
These bits determine the amount of bandwidth dedicated to the share bus. The value 000 is
the lowest possible bandwidth, and the value 111 is the highest possible bandwidth.
Table 38. Register 0x2A—Share Bus Setting
Bits
Name
R/W
Description
[7:4]
Number of bits
dropped by master
R/W
These bits determine how much a master device reduces its output voltage to maintain
current sharing.
[3:0]
Bit difference between
master and slave
R/W
These bits determine how closely a slave tries to match the current of the master device. The
higher the setting, the larger the distance that satisfies the current sharing criteria.
Table 39. Register 0x2B—Temperature Gain Trim
Bits
Name
R/W
Description
[7:5]
Reserved
R/W
Set these bits to 000 for normal operation.
4
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[3:0]
Gain trim
R/W
This register calibrates the RTD ADC gain. It calibrates for errors in the ADC. This value allows
±12% trim to be realized.


유사한 부품 번호 - ADP1043A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
More results

유사한 설명 - ADP1043A

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com