전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1043AACPZ-RL 데이터시트(PDF) 46 Page - Analog Devices

부품명 ADP1043AACPZ-RL
상세설명  Digital Controller for Isolated Power Supply Applications
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1043AACPZ-RL 데이터시트(HTML) 46 Page - Analog Devices

Back Button ADP1043AACPZ-RL Datasheet HTML 42Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 43Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 44Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 45Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 46Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 47Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 48Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 49Page - Analog Devices ADP1043AACPZ-RL Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
ADP1043A
Rev. 0 | Page 46 of 72
Table 44. Register 0x30—OrFET
Bits
Name
R/W
Description
[7:6]
Accurate OrFET
threshold
R/W
These bits program the voltage difference between CS2+ and CS2− at which the accurate OrFET
flag is set. The CS2+ and CS2− input pins are used to control this function.
Bit 7
Bit 6
Voltage Drop Across Sense Resistor from CS2+ to CS2− (Threshold)
0
0
0 mV
0
1
Reserved
1
0
Reserved
1
1
Reserved
[5:4]
OrFET enable
threshold
R/W
These bits program the voltage difference between VS1 and VS2 before the OrFET is enabled. The
VS1 and VS2 input pins are used to control the OrFET enable function.
Bit 5
Bit 4
Voltage Difference from VS1 to VS2
% of ADC Full Range
12 V VOUT (mV)
48 V VOUT (mV)
0
0
−0.5
−93
−372
0
1
0
0
0
1
0
1
186
744
1
1
2
372
1488
[3:2]
Fast OrFET
threshold
R/W
These bits program the threshold voltage difference between CS2+ and CS2− at which the OrFET
is disabled. The CS2+ and CS2− input pins are used to control this function. The internal circuit is
an analog comparator.
Bit 3
Bit 2
Voltage Difference from CS2+ to CS2− (mV)
0
0
−100
0
1
−75
1
0
−50
1
1
−25
1
Fast OrFET
debounce
R/W
These bits determine the debounce on the fast OrFET control before it disables the OrFET.
0 = 40 ns.
1 = 200 ns.
0
Fast OrFET bypass
R/W
Set this bit to completely bypass the fast OrFET control. To also bypass the accurate OrFET disable
control, the response to the accurate OrFET disable flag should be set to ignore.
VOLTAGE SENSE REGISTERS
Table 45. Register 0x31—VS3 Voltage Setting (Remote Voltage)
Bits
Name
R/W
Description
[7:0]
VS3 voltage setting
R/W
This register is used to set the output voltage (voltage differential at the VS3+ and VS3− pins).
Programmable from 0% to 155% of nominal voltage. Each LSB corresponds to a 0.6% increase.
Setting this register to a value of 0xA5 gives an output voltage setting of 100% of the nominal
voltage. This is the default value and is stored in this register when shipped from the factory.
Updating the VS3 voltage setting is a two-stage process. First, the user must change the value in
this register; this information is stored in a shadow register. To latch the new VS3 voltage setting
into the state machine, the user must set the GO bit (Register 0x5D[0]).
Table 46. Register 0x32—VS1 Overvoltage Limit (OVP)
Bits
Name
R/W
Description
[7:3]
VS1 OVP setting
R/W
Local overvoltage limit. This limit is programmable from 107.7% to 145.3% of the nominal VS1
voltage; 0x00 corresponds to 107.7%. Each LSB results in an increase of 1.21%. The VS1 OVP
threshold is calculated as follows:
VS1_OVP_Threshold = [(89 + VS1_OVP_Setting)/128] × 1.55 V
For example, if the VS1 OVP setting is 10, then
VS1_OVP_Threshold = [(89 + 10)/128] × 1.55 V = 1.2 V
Setting these bits to 0 gives an OVP limit of 107.7% of the nominal VS1 voltage.
Setting these bits to 10 gives an OVP limit of 120% of the nominal VS1 voltage.
Setting these bits to 20 gives an OVP limit of 132% of the nominal VS1 voltage.
Setting these bits to 31 gives an OVP limit of 145.3% of the nominal VS1 voltage.
2
Reserved
R/W
Reserved.


유사한 부품 번호 - ADP1043AACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
More results

유사한 설명 - ADP1043AACPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com